Electronic Components Datasheet Search
  English  ▼

X  

HT66F30 Datasheet(PDF) 225 Page - Holtek Semiconductor Inc

Part # HT66F30
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F30 Datasheet(HTML) 225 Page - Holtek Semiconductor Inc

Back Button HT66F30 Datasheet HTML 221Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 222Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 223Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 224Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 225Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 226Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 227Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 228Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 229Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 244 page
background image
24-pin SOP (300mil) Outline Dimensions
· MS-013
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.393
¾
0.419
B
0.256
¾
0.300
C
0.012
¾
0.020
C
¢
0.598
¾
0.613
D
¾¾
0.104
E
¾
0.050
¾
F
0.004
¾
0.012
G
0.016
¾
0.050
H
0.008
¾
0.013
a
0
°¾
8
°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
9.98
¾
10.64
B
6.50
¾
7.62
C
0.30
¾
0.51
C
¢
15.19
¾
15.57
D
¾¾
2.64
E
¾
1.27
¾
F
0.10
¾
0.30
G
0.41
¾
1.27
H
0.20
¾
0.33
a
0
°¾
8
°
HT68F20/HT68F30/HT68F40/HT68F50/HT68F60
HT68FU30/HT68FU40/HT68FU50/HT68FU60
Rev. 1.60
225
October 24, 2011
2 4
1
1 3
1 2
A
B
C
D
E
F
C '
G
H
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com