Electronic Components Datasheet Search
  English  ▼

X  

HT66F30 Datasheet(PDF) 232 Page - Holtek Semiconductor Inc

Part # HT66F30
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F30 Datasheet(HTML) 232 Page - Holtek Semiconductor Inc

Back Button HT66F30 Datasheet HTML 228Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 229Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 230Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 231Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 232Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 233Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 234Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 235Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 236Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 244 page
background image
44-pin LQFP (10mm
´10mm) (FP3.2mm) Outline Dimensions
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.512
0.520
0.528
B
0.390
0.394
0.398
C
0.512
0.520
0.528
D
0.390
0.394
0.398
E
¾
0.031
¾
F
¾
0.012
¾
G
0.053
0.055
0.057
H
¾¾
0.063
I
0.004
¾
0.010
J
0.041
0.047
0.053
K
0.004
¾
0.008
a
0
°¾
7
°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
13.00
13.20
13.40
B
9.90
10.00
10.10
C
13.00
13.20
13.40
D
9.90
10.00
10.10
E
¾
0.80
¾
F
¾
0.30
¾
G
1.35
1.40
1.45
H
¾¾
1.60
I
0.10
¾
0.25
J
1.05
1.20
1.35
K
0.10
¾
0.25
a
0
°¾
7
°
HT68F20/HT68F30/HT68F40/HT68F50/HT68F60
HT68FU30/HT68FU40/HT68FU50/HT68FU60
Rev. 1.60
232
October 24, 2011
3 4
1 1
1
4 4
A
B
2 2
1 2
E
F
G
H
I
J
K
a
3 3
2 3
C
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com