Electronic Components Datasheet Search
  English  ▼

X  

HT71D04 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT71D04
Description  Power Line Data Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT71D04 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT71D04 Datasheet HTML 1Page - Holtek Semiconductor Inc HT71D04 Datasheet HTML 2Page - Holtek Semiconductor Inc HT71D04 Datasheet HTML 3Page - Holtek Semiconductor Inc HT71D04 Datasheet HTML 4Page - Holtek Semiconductor Inc HT71D04 Datasheet HTML 5Page - Holtek Semiconductor Inc HT71D04 Datasheet HTML 6Page - Holtek Semiconductor Inc HT71D04 Datasheet HTML 7Page - Holtek Semiconductor Inc HT71D04 Datasheet HTML 8Page - Holtek Semiconductor Inc HT71D04 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
Inverter 0 (INT) Schmitt Trigger Window
VSW
(note)
VH
¾ VIN=24V
-20%
13.7
+20%
V
VL
-20%
7.16
+20%
V
VH
¾ VIN=10V
-20%
5.83
+20%
V
VL
-20%
3.07
+20%
V
Inverter 0 (INT) Schmitt Trigger Window
VOUT
LDO Output Voltage
3.3V
VIN=10V, IOUT=10mA
3.201
3.300
3.399
V
5.0V
4.850
5.000
5.150
V
IOUT
LDO Output Current
¾
VIN=10V,
DVOUT=3%
(Note1)
60
¾¾
mA
DVLOAD Load Regulation
¾
VIN=10V,
1mA
£IOUT£30mA
¾
60
100
mV
DVLINE
Line Regulation
¾ IOUT=1mA, 10V£VIN£24V
¾
0.2
¾
%/V
tSU
Startup Time
(Falling Egde of CE to VOUT
Within Specification)
¾
VIN=10V, IOUT=10mA,
CL=10
mF
¾
3.3
5.0
ms
¾
VIN=10V, IOUT=10mA,
CL=0.1
mF
¾
700
1400
ms
Temperature Coefficient
3.3V I
OUT=10mA,
-40
°C<Ta<+85°C
¾±0.50
¾
mV/
°C
5.0V
¾±0.75
¾
mV/
°C
Voltage Detector
VDET
Detection Voltage
¾ VLVD=9.0V
VLVD-0.3
VLVD
VLVD+0.3
V
VHYS
Hysteresis Width
¾¾
¾
0.05
VDET
¾
V
Temperature Coefficient
¾ -40°C<Ta<+85°C
¾±0.9
¾
mV/
°C
Comparator
tRES
Response Time
¾¾
¾
¾
10
ms
VHC
hysteresis Window
¾¾
¾
0.15
¾
V
VCOM
Common-Mode Input Range
¾¾
VSS+1.5
¾
VIN-1
V
Note:
1.
DVOUT is calculated as the difference between the output voltage under testing and the output voltage which
is measured at IOUT =10mA.
2. VIO specification is design guaranteed.
Rev. 1.00
4
June 30, 2010
HT71D02/HT71D04
Power Line Data Transceiver
, V O U T
, T a
, V D E T
, T a



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com