Electronic Components Datasheet Search
  English  ▼

X  

HT72D1528 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT72D1528
Description  High PSRR 300mA Dual LDO Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT72D1528 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT72D1528 Datasheet HTML 1Page - Holtek Semiconductor Inc HT72D1528 Datasheet HTML 2Page - Holtek Semiconductor Inc HT72D1528 Datasheet HTML 3Page - Holtek Semiconductor Inc HT72D1528 Datasheet HTML 4Page - Holtek Semiconductor Inc HT72D1528 Datasheet HTML 5Page - Holtek Semiconductor Inc HT72D1528 Datasheet HTML 6Page - Holtek Semiconductor Inc HT72D1528 Datasheet HTML 7Page - Holtek Semiconductor Inc HT72D1528 Datasheet HTML 8Page - Holtek Semiconductor Inc HT72D1528 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Rev. 1.00
3
August 08, 2011
HT72Dxxxx
ELECTRICAL CHARACTERISTICS
TJ=25°C, VIN=VOUT+1.0V, IOUT=30mA, unless otherwise specified (Note 2)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
—
2.5
—
7
V
VOUT
Output Voltage Tolerance
IOUT=30mA
-2
—
+2
%
IOUT
Maximum Output Current(Note 3) IOUT1 , IOUT2
300
—
—
mA
∆VLINE
Line Regulation
VOUT+0.5V≤VIN≤7V IOUT =10mA
—
0.02
0.1
%/V
∆VLOAD
Load Regulation (Note 4)
1mA≤IOUT≤300mA
1.5V≤VOUT≤1.8V
—
10
20
mV
2.5V≤VOUT≤3.0V
—
15
30
3.3V≤VOUT≤5.0V
—
20
40
VDROP
Dropout Voltage (Note5)
∆VOUT= 2%
IOUT=300mA
1.5V≤VOUT≤1.8V
—
0.6
0.9
V
2.5V≤VOUT≤5.0V
—
0.34
0.64
VNO
Output Voltage Noise
Bandwidth=10Hz to 100kHz
—
30
—
μVRMS
ILIMIT
Short Current Limit
VOUT=0V
—
90
—
mA
ISS
Supply Current
IOUT=0mA, VEN1=VEN2=VIN
—
30
50
μA
IDS
Shutdown Current
VEN1=VEN2=VSS
—
0.1
1
μA
VIH
EN Input High Voltage
VOUT+1V≤VIN≤7V
2.0
-
—
V
VIL
EN Input Low Voltage
VOUT+1V≤VIN≤7V
—
-
0.4
RR
Ripple Rejection
IOUT=30mA
f=1kHz
—
70
—
dB
f=10kHz
—
53
—
OUT
a
OUT
V
TV
∆
ƥ
Temperature Coefficient
-40°C<Ta<85°C
—
±100
—
ppm/°C
TSD
Thermal Shutdown Temperature
—
—
150
—
°C
Note 1. Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating
Ratings indicate conditions for which the device is intended to be functional, but do not guarantee
specific performance limits. The guaranteed specifications apply only for the test conditions listed.
2. Specifications are production tested at TA=room temperature. Specifications over the -40°C to 85°C
operating temperature range are assured by design, characterization and correlation with Statistical
Quality Controls (SQC).
3. The input/output differential voltage multiplied by the output current must be less than than the package
power dissipation value of 250mW.
4. Load regulation is measured at constant junction temperature, using pulse testing with a short ON time.
The devices are guaranteed up to the maximum power dissipation. Power dissipation is determined by the
input/output differential voltage and the output current. Guaranteed maximum power dissipation will not
be available over the full input/output range. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) – TA)/θJA.
5. Dropout voltage is the minimum input to output voltage differential needed to maintain regulation at a
specified output current. During dropout conditions, the output voltage will be equal to: VIN – VDROP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com