Electronic Components Datasheet Search
  English  ▼

X  

HT72D2533 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT72D2533
Description  High PSRR 300mA Dual LDO Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT72D2533 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT72D2533 Datasheet HTML 1Page - Holtek Semiconductor Inc HT72D2533 Datasheet HTML 2Page - Holtek Semiconductor Inc HT72D2533 Datasheet HTML 3Page - Holtek Semiconductor Inc HT72D2533 Datasheet HTML 4Page - Holtek Semiconductor Inc HT72D2533 Datasheet HTML 5Page - Holtek Semiconductor Inc HT72D2533 Datasheet HTML 6Page - Holtek Semiconductor Inc HT72D2533 Datasheet HTML 7Page - Holtek Semiconductor Inc HT72D2533 Datasheet HTML 8Page - Holtek Semiconductor Inc HT72D2533 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Rev. 1.00
4
August 08, 2011
HT72Dxxxx
Output Voltage Selector Guide
Type Code
Part No.
Mark
Output Voltage
Package
Out 1
Out 2
HT72D1518
2D1518
1.5
1.8
SOT23-6
HT72D1525
2D1525
1.5
2.5
HT72D1528
2D1528
1.5
2.8
HT72D1533
2D1533
1.5
3.3
HT72D1825
2D1825
1.8
2.5
HT72D1828
2D1828
1.8
2.8
HT72D1830
2D1830
1.8
3.0
HT72D1833
2D1833
1.8
3.3
HT72D2528
2D2528
2.5
2.8
HT72D2533
2D2533
2.5
3.3
HT72D2833
2D2833
2.8
3.3
HT72D3033
2D3033
3.0
3.3
Note: The devices are all green compound devices which are Lead-free and Halogen-free.
Typical Application Circuit
EN1
VIN
EN2
VOUT1
VOUT2
CIN
CL1
CL2
1uF
VIN
VOUT1
VOUT2
1uF
1uF
VSS
HT72Dxxxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com