Electronic Components Datasheet Search
  English  ▼

X  

HT75B18 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT75B18
Description  High PSRR 150mA LDO Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT75B18 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT75B18 Datasheet HTML 1Page - Holtek Semiconductor Inc HT75B18 Datasheet HTML 2Page - Holtek Semiconductor Inc HT75B18 Datasheet HTML 3Page - Holtek Semiconductor Inc HT75B18 Datasheet HTML 4Page - Holtek Semiconductor Inc HT75B18 Datasheet HTML 5Page - Holtek Semiconductor Inc HT75B18 Datasheet HTML 6Page - Holtek Semiconductor Inc HT75B18 Datasheet HTML 7Page - Holtek Semiconductor Inc HT75B18 Datasheet HTML 8Page - Holtek Semiconductor Inc HT75B18 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Rev. 1.00
1
August, 9, 2011
Rev. 1.00
PB
August 17, 2011
HT75Bxx
High PSRR 150mA LDO Regulator
Features
● Output Voltage:
1.5V/1.8V/2.5V/2.8V/3.0V/3.3V/5V
● High Output Voltage Accuracy: ±2%
● Low Voltage Drop: 330mV(Typ.)
(VOUT=2.5V@IOUT=150mA)
● Maximum Input Voltage: 7.0V
● Guaranteed Output Current: 150mA
● Low Power Consumption: 10μA (Typ.)
● High ripple rejection: 70dB (1kHz@IOUT=30mA)
● Power-Saving Shutdown Mode
● Current limiting
● SOT23-5 and SOT89 Package
Applications
● Portable communication equipment
● Portable music player
● Electrical appliances such as cameras,
VCRs and camcorders
● Battery-powered equipment
General Description
The HT75Bxx series are CMOS-based voltage
regulator devices with high output voltage accuracy,
low quiescent current, low on-resistance, and high
ripple rejection. Each of the devices includes a voltage
reference, error amplifier, resistor-network for voltage
setting, current limit circuit, chip enable circuit and so
on.
The HT75Bxx’s current limiters' fold back circuit
also operates as a short circuit protect function for the
output current limiter.
These devices offer the benefits of low dropout
voltage as well as possessing a chip-enable function.
Additional features include an exceptionally low
10μA quiescent current in addition to excellent line
and load transient response characteristics. With these
features the devices will be appropriate for use in a
wide range of application among which would include
hand-held communication equipment.
The space-saving SOT23-5, SOT89 package will be
an attractive additional feature for pocket and hand-
held applications.
Selection Table
Part No.
Output Voltage
Tolerance
Package
HT75B15
1.5V
±2%
SOT23-5
SOT89
HT75B18
1.8V
HT75B25
2.5V
HT75B28
2.8V
HT75B30
3.0V
HT75B33
3.3V
HT75B50
5.0V


Similar Part No. - HT75B18

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
HT75 UMW-HT75 Datasheet
1Mb / 10P
LDO high voltage regulator
logo
TECH PUBLIC Electronics...
HT75 TECHPUBLIC-HT75 Datasheet
2Mb / 6P
Low Dropout Voltage Regulator
logo
Holtek Semiconductor In...
HT7500 HOLTEK-HT7500 Datasheet
94Kb / 8P
Clinical Thermometer
August 8, 2000
HT7500 HOLTEK-HT7500 Datasheet
112Kb / 7P
Clinical Thermometer
November 27, 2001
HT7500 HOLTEK-HT7500_01 Datasheet
112Kb / 7P
Clinical Thermometer
November 27, 2001
More results

Similar Description - HT75B18

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8833 AME-AME8833 Datasheet
284Kb / 14P
High PSRR, 150mA CMOS LDO
AME8833AEIV300 AME-AME8833AEIV300 Datasheet
292Kb / 14P
High PSRR, 150mA CMOS LDO
AME8820 AME-AME8820 Datasheet
156Kb / 14P
High PSRR, CSP, 150mA CMOS LDO
logo
RICOH electronics devic...
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
150mA LDO REGULATOR
R1180N121B RICOH-R1180N121B Datasheet
725Kb / 24P
150mA LDO REGULATOR
logo
Analog Microelectronics
AME8838 AME-AME8838 Datasheet
279Kb / 19P
High PSRR, 150mA CMOS LDO
logo
YOBON TECHNOLOGIES,INC.
YB1200R YOBON-YB1200R Datasheet
698Kb / 11P
150mA High PSRR with Auto-Discharge LDO Regulator
logo
Unisonic Technologies
LR9280XG-XX-AE5-R UTC-LR9280XG-XX-AE5-R Datasheet
218Kb / 6P
150mA LDO REGULATOR
logo
RICOH electronics devic...
R1180 RICOH-R1180 Datasheet
303Kb / 19P
150mA LDO REGULATOR
April 1, 2012
logo
Nisshinbo Micro Devices...
R1180X NISSHINBO-R1180X Datasheet
549Kb / 28P
150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com