Electronic Components Datasheet Search
  English  ▼

X  

HT75B28 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT75B28
Description  High PSRR 150mA LDO Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT75B28 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT75B28 Datasheet HTML 7Page - Holtek Semiconductor Inc HT75B28 Datasheet HTML 8Page - Holtek Semiconductor Inc HT75B28 Datasheet HTML 9Page - Holtek Semiconductor Inc HT75B28 Datasheet HTML 10Page - Holtek Semiconductor Inc HT75B28 Datasheet HTML 11Page - Holtek Semiconductor Inc HT75B28 Datasheet HTML 12Page - Holtek Semiconductor Inc HT75B28 Datasheet HTML 13Page - Holtek Semiconductor Inc HT75B28 Datasheet HTML 14Page - Holtek Semiconductor Inc HT75B28 Datasheet HTML 15Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Rev. 1.00
14
August, 9, 2011
HT75Bxx
Carrier Tape Dimensions
P
D1
W
P1
P0
D
E
F
t
K0
B0
A0
C
IC M ar ki ng
R eel H ol e
SOT23-5
Symbol
Description
Dimensions in mm
W
Carrier Tape Width
8.0±0.3
P
Cavity Pitch
4.0±0.1
E
Perforation Position
1.75±0.10
F
Cavity to Perforation(Width Direction)
3.50±0.05
D
Perforation Diameter
1.5+0.1/-0.0
D1
Cavity Hole Diameter
1.5+0.1/-0.0
P0
Perforation Pitch
4.0±0.1
P1
Cavity to Perforation(Length Direction)
2.00±0.05
A0
Cavity Length
3.15±0.10
B0
Cavity Width
3.2±0.1
K0
Cavity Depth
1.4±0.1
t
Carrier Tape Thickness
0.20±0.03
C
Cover Tape Width
5.3±0.1
SOT89-3
Symbol
Description
Dimensions in mm
W
Carrier Tape Width
12.0 +0.3/-0.1
P
Cavity Pitch
8.0±0.1
E
Perforation Position
1.75±0.10
F
Cavity to Perforation(Width Direction)
5.50±0.05
D
Perforation Diameter
1.5+0.1
D1
Cavity Hole Diameter
1.5+0.1
P0
Perforation Pitch
4.0±0.1
P1
Cavity to Perforation(Length Direction)
2.0±0.1
A0
Cavity Length
4.8±0.1
B0
Cavity Width
4.5±0.1
K0
Cavity Depth
1.8±0.1
t
Carrier Tape Thickness
0.300±0.013
C
Cover Tape Width
9.3±0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com