Electronic Components Datasheet Search
  English  ▼

X  

HT75B50 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT75B50
Description  High PSRR 150mA LDO Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT75B50 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT75B50 Datasheet HTML 6Page - Holtek Semiconductor Inc HT75B50 Datasheet HTML 7Page - Holtek Semiconductor Inc HT75B50 Datasheet HTML 8Page - Holtek Semiconductor Inc HT75B50 Datasheet HTML 9Page - Holtek Semiconductor Inc HT75B50 Datasheet HTML 10Page - Holtek Semiconductor Inc HT75B50 Datasheet HTML 11Page - Holtek Semiconductor Inc HT75B50 Datasheet HTML 12Page - Holtek Semiconductor Inc HT75B50 Datasheet HTML 13Page - Holtek Semiconductor Inc HT75B50 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Rev. 1.00
10
August, 9, 2011
HT75Bxx
Application Circuit
COUT
1uF
VIN
VOUT
GND
GND
CIN
1uF
GND
VOUT
VIN
HT75BXX
series
COUT
1uF
VIN
VOUT
GND
GND
CIN
1uF
GND
VOUT
VIN
HT75BXX
series
CE
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com