Electronic Components Datasheet Search
  English  ▼

X  

DG528 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG528
Description  Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG528 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG528 Datasheet HTML 1Page - Vishay Siliconix DG528 Datasheet HTML 2Page - Vishay Siliconix DG528 Datasheet HTML 3Page - Vishay Siliconix DG528 Datasheet HTML 4Page - Vishay Siliconix DG528 Datasheet HTML 5Page - Vishay Siliconix DG528 Datasheet HTML 6Page - Vishay Siliconix DG528 Datasheet HTML 7Page - Vishay Siliconix DG528 Datasheet HTML 8Page - Vishay Siliconix DG528 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.vishay.com
4
Document Number: 70068
S11-1029–Rev. D, 23-May-11
Vishay Siliconix
DG528, DG529
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless noted)
RDS(on) vs. VD and Power Supply
Input Switching Threshold vs.
V+ and V- Supply Voltages
- 20
- 15
- 10
- 5
0
5
10
15
20
500
400
300
200
100
VD – Drain Voltage (V)
± 7.5 V
± 10 V
± 15 V
± 20 V
TA = 25 °C
2.5
2.0
1.5
1.0
0.5
0
V+, V- Positive and Negative Supplies (V)
TA = 25 °C
0
± 5
± 10
± 15
± 20
Leakage Currents vs. Analog Voltage
Supply Currents vs. Toggle Frequency
- 15
- 10
- 5
0
5
10
15
0
- 20
- 40
- 60
ID(off)
ID(on)
IS(off)
± 15 V Supplies
TA = 25
VANALOG – Analog Voltage (V)
1 k
10 k
100 k
1 M
4
3
2
1
0
I+
I-
Toggle Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com