Electronic Components Datasheet Search
  English  ▼

X  

DG604 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG604
Description  1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG604 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG604 Datasheet HTML 1Page - Vishay Siliconix DG604 Datasheet HTML 2Page - Vishay Siliconix DG604 Datasheet HTML 3Page - Vishay Siliconix DG604 Datasheet HTML 4Page - Vishay Siliconix DG604 Datasheet HTML 5Page - Vishay Siliconix DG604 Datasheet HTML 6Page - Vishay Siliconix DG604 Datasheet HTML 7Page - Vishay Siliconix DG604 Datasheet HTML 8Page - Vishay Siliconix DG604 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
2
Document Number: 69934
S11-1429-Rev. C, 18-Jul-11
Vishay Siliconix
DG604
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. - 40 °C to 85 °C datasheet limits apply.
Notes:
a. Signals on SX, DX, or INX exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads welded or soldered to PC board.
c. Derate 5.6 mW/°C above 70 °C.
d. Derate 6.6 mW/°C above 70 °C.
e. Manual soldering with iron is not recommended for leadless components. The miniQFN-16 is a leadless package. The end of the lead terminal
is exposed copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper lip cannot be
guaranteed and is not required to ensure adequate bottom side solder interconnection.
TRUTH TABLE
Enable
Input
Selected Input
On Switches
A1
A0
DG604
L
X
X
All Switches Open
HL
L
D to S1
HL
H
D to S2
HH
L
D to S3
HH
H
D to S4
ORDERING INFORMATION
Temp. Range
Package
Part Number
- 40 °C to 125 °Ca
14 pin TSSOP
DG604EQ-T1-E3
16 pin miniQFN
DG604EN-T1-E4
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Limit
Unit
V+ to V-
14
V
GND to V-
7
Digital Inputsa, VS, VD
(V-) - 0.3 to (V+) + 0.3
or 30 mA, whichever occurs first
Continuous Current (Any Terminal)
30
mA
Peak Current, S or D (Pulsed 1 ms, 10 % Duty Cycle)
100
Storage Temperature
- 65 to 150
°C
Power Dissipation (Package)b
14 pin TSSOPc
450
mW
16 pin miniQFNd, e
525
Thermal Resistance (Package)b
14 pin TSSOP
178
C/W
16 pin miniQFN
152
SPECIFICATIONS FOR DUAL SUPPLIES
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 5 V, V- = - 5 V
VIN A0, A1 and ENABLE = 2 V, 0.8 V
a
Temp.b
Typ.c
- 40 °C to 125 °C - 40 °C to 85 °C
Unit
Min.d
Max.d
Min.d
Max.d
Analog Switch
Analog Signal Rangee
VANALOG
Full
- 55- 55V
On-Resistance
RDS(on)
IS = 1 mA, VD = - 3 V, 0 V, + 3 V
Room
Full
70
115
160
115
140
On-Resistance Match
R
ON
IS = 1 mA, VD = ± 3 V
Room
Full
15
6.5
5
6.5
On-Resistance Flatness
RFLATNESS
IS = 1 mA, VD = - 3 V, 0 V, + 3 V
Room
Full
10
20
33
20
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com