Electronic Components Datasheet Search
  English  ▼

X  

DG2016 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG2016
Description  High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2016 Datasheet(HTML) 6 Page - Vishay Siliconix

  DG2016 Datasheet HTML 1Page - Vishay Siliconix DG2016 Datasheet HTML 2Page - Vishay Siliconix DG2016 Datasheet HTML 3Page - Vishay Siliconix DG2016 Datasheet HTML 4Page - Vishay Siliconix DG2016 Datasheet HTML 5Page - Vishay Siliconix DG2016 Datasheet HTML 6Page - Vishay Siliconix DG2016 Datasheet HTML 7Page - Vishay Siliconix DG2016 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
6
Document Number: 72030
S11-1185-Rev. D, 13-Jun-11
Vishay Siliconix
DG2016, DG2026
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TEST CIRCUITS
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?72030.
Figure 2. Break-Before-Make Interval
CL (includes fixture and stray capacitance)
NC
VNO
NO
VNC
0 V
Logic
Input
Switch
Output
VO
VNC = VNO
tr < 5 ns
tf < 5 ns
90 %
tD
tD
IN
COM
V+
GND
V+
CL
35 pF
VO
RL
50
VINL
VINH
Figure 3. Charge Injection
Off
On
On
IN
VOUT
VOUT
Q =
VOUT x CL
CL = 1 nF
Rgen
VOUT
COM
VIN = 0 - V+
IN
Vgen
GND
V+
V+
IN depends on switch configuration: input polarity
determined by sense of switch.
+
NC or NO
Figure 4. Off-Isolation
IN
GND
NC or NO
0 V, 2.4 V
10 nF
COM
Off Isolation = 20 log
V
COM
V
NO/ NC
RL
Analyzer
V+
V+
COM
Figure 5. Channel Off/On Capacitance
NC or NO
f = 1 MHz
IN
COM
GND
0 V, 2.4 V
Meter
HP4192A
Impedance
Analyzer
or Equivalent
10 nF
V+
V+



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com