Electronic Components Datasheet Search
  English  ▼

X  

LC875CB2A Datasheet(PDF) 21 Page - Sanyo Semicon Device

Part # LC875CB2A
Description  ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC875CB2A Datasheet(HTML) 21 Page - Sanyo Semicon Device

Back Button LC875CB2A Datasheet HTML 17Page - Sanyo Semicon Device LC875CB2A Datasheet HTML 18Page - Sanyo Semicon Device LC875CB2A Datasheet HTML 19Page - Sanyo Semicon Device LC875CB2A Datasheet HTML 20Page - Sanyo Semicon Device LC875CB2A Datasheet HTML 21Page - Sanyo Semicon Device LC875CB2A Datasheet HTML 22Page - Sanyo Semicon Device LC875CB2A Datasheet HTML 23Page - Sanyo Semicon Device LC875CB2A Datasheet HTML 24Page - Sanyo Semicon Device LC875CB2A Datasheet HTML 25Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
LC875CC8A/B2A
No.A0744-21/29
Pulse Input Conditions
at Ta = -30°C to +70°C, VSS1 = VSS2 = VSS3 = VSS4 = 0V
Specification
Parameter
Symbol
Pins/Remarks
Conditions
VDD[V]
min
typ
max
unit
tPIH(1)
tPIL(1)
INT0(P70),
INT1(P71),
INT2(P72)
INT4(P20 to P23),
INT5(P24 to P27),
INT6(P20),
INT7(P24)
• Interrupt source flag can be set.
• Event inputs for timer 0 or 1 are
enabled.
2.2 to 5.5
1
tPIH(2)
tPIL(2)
INT3(P73)
(The noise rejection
clock is selected to
1/32.)
• Interrupt source flag can be set.
• Event inputs for timer 0 are
enabled.
2.2 to 5.5
2
tPIH(3)
tPIL(3)
INT3(P73)
(The noise rejection
clock is selected to
1/32.)
• Interrupt source flag can be set.
• Event inputs for timer 0 are
enabled.
2.2 to 5.5
64
tPIH(4)
tPIL(4)
INT3(P73)
(The noise rejection
clock is selected to
1/128.)
• Interrupt source flag can be set.
• Event inputs for timer 0 are
enabled.
2.2 to 5.5
256
tCYC
High/low level
pulse width
tPIL(5)
RES
Reset acceptable
2.2 to 5.5
200
μs
AD Converter Characteristics
at Ta = -30°C to +70°C, VSS1 = VSS2 = VSS3 = VSS4 = 0V
Specification
Parameter
Symbol
Pins/Remarks
Conditions
VDD[V]
min
typ
max
unit
Resolution
N
3.0 to 5.5
8
bit
Absolute
precision
ET
(Note 6-1)
3.0 to 5.5
±1.5
LSB
4.5 to 5.5
11.74
(tCYC=
0.367
μs)
97.92
(tCYC=
3.06
μs)
AD conversion time=32
×tCYC
(when ADCR2=0)
(Note 6-2)
3.0 to 5.5
31.36
(tCYC=
0.980
μs)
97.92
(tCYC=
3.06
μs)
4.5 to 5.5
15.68
(tCYC=
0.245
μs)
97.92
(tCYC=
1.53
μs)
Conversion
time
TCAD
AD conversion time=64
×tCYC
(when ADCR2=1)
(Note 6-2)
3.0 to 5.5
31.36
(tCYC=
0.490
μs)
97.92
(tCYC=
1.53
μs)
μs
Analog input
voltage range
VAIN
3.0 to 5.5
VSS
VDD
V
IAINH
VAIN=VDD
3.0 to 5.5
1
Analog port
input current
IAINL
AN0(P80)
to AN7(P87),
AN8(P70),
AN9(P71),
AN10(XT1),
AN11(XT2),
AN12(PA3),
AN13(PA4),
AN14(PA5)
VAIN=VSS
3.0 to 5.5
-1
μA
Note 6-1: The quantization error (±1/2 LSB) is excluded from the absolute accuracy value.
Note 6-2: The conversion time refers to the interval from the time the instruction for starting the converter is issued till
the complete digital value corresponding to the analog input value is loaded in the required register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com