Electronic Components Datasheet Search
  English  ▼

X  

LC875J64C Datasheet(PDF) 21 Page - Sanyo Semicon Device

Part # LC875J64C
Description  ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC875J64C Datasheet(HTML) 21 Page - Sanyo Semicon Device

Back Button LC875J64C Datasheet HTML 15Page - Sanyo Semicon Device LC875J64C Datasheet HTML 16Page - Sanyo Semicon Device LC875J64C Datasheet HTML 17Page - Sanyo Semicon Device LC875J64C Datasheet HTML 18Page - Sanyo Semicon Device LC875J64C Datasheet HTML 19Page - Sanyo Semicon Device LC875J64C Datasheet HTML 20Page - Sanyo Semicon Device LC875J64C Datasheet HTML 21Page - Sanyo Semicon Device LC875J64C Datasheet HTML 22Page - Sanyo Semicon Device LC875J64C Datasheet HTML 23Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
LC875J64C/875J56C/875J48C
No.8302-21/23
Reset Time and Oscillation Stabilizing Time
HOLD Reset Signal and Oscillation Stabilization Time
Figure 4 Oscillation Stabilization Times
Operating VDD
lower limit
Power supply
RES
Internal RC
oscillation
CF1, CF2
XT1, XT2
Operating mode
Reset time
tmsCF
tmsX’tal
Unpredictable
Reset
Instruction execution
VDD
0V
Internal RC
oscillation
CF1, CF2
XT1, XT2
State
HOLD reset signal
HOLD reset signal valid
tmsCF
tmsX’tal
HOLD
HALT
HOLD reset signal
absent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com