Electronic Components Datasheet Search
  English  ▼

X  

LC07410LG Datasheet(PDF) 21 Page - Sanyo Semicon Device

Part # LC07410LG
Description  Monaural CODEC Audio I/F Video Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC07410LG Datasheet(HTML) 21 Page - Sanyo Semicon Device

Back Button LC07410LG Datasheet HTML 17Page - Sanyo Semicon Device LC07410LG Datasheet HTML 18Page - Sanyo Semicon Device LC07410LG Datasheet HTML 19Page - Sanyo Semicon Device LC07410LG Datasheet HTML 20Page - Sanyo Semicon Device LC07410LG Datasheet HTML 21Page - Sanyo Semicon Device LC07410LG Datasheet HTML 22Page - Sanyo Semicon Device LC07410LG Datasheet HTML 23Page - Sanyo Semicon Device LC07410LG Datasheet HTML 24Page - Sanyo Semicon Device LC07410LG Datasheet HTML 25Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
LC07410LG
No.A1345-21/36
• Programmable Filter
A second order biquad filter that allows coefficients to be freely set is used for the programmable filter.
A notch filter, LPF, or other filter can be configured by setting the coefficients, a1, a2, b0, b1, and b2, in 16-bit 2’s
complement notation in a register. Make sure that the corresponding filter is OFF when setting or modifying
coefficients.
ADRS
Bit
Name
Init
Description
[7]
FILTER2
0b
Set the programmable filter2
1: ON 0: OFF
0Dh
[6]
FILTER1
0b
Set the programmable filter1
1: ON 0: OFF
1Bh
[7:0]
A1[15:8]
00h
1Ch
[7:0]
A1[7:0]
00h
Set the programmable filter1 coefficient a1
1Dh
[7:0]
A2[15:8]
00h
1Eh
[7:0]
A2[7:0]
00h
Set the programmable filter1 coefficient a2
1Fh
[7:0]
B0[15:8]
40h
20h
[7:0]
B0[7:0]
00h
Set the programmable filter1 coefficient b0
21h
[7:0]
B1[15:8]
00h
22h
[7:0]
B1[7:0]
00h
Set the programmable filter1 coefficient b1
23h
[7:0]
B2[15:8]
00h
24h
[7:0]
B2[7:0]
00h
Set the programmable filter1 coefficient b2
25h
[7:0]
A1[15:8]
00h
26h
[7:0]
A1[7:0]
00h
Set the programmable filter2 coefficient a1
27h
[7:0]
A2[15:8]
00h
28h
[7:0]
A2[7:0]
00h
Set the programmable filter2 coefficient a2
29h
[7:0]
B0[15:8]
40h
2Ah
[7:0]
B0[7:0]
00h
Set the programmable filter2 coefficient b0
2Bh
[7:0]
B1[15:8]
00h
2Ch
[7:0]
B1[7:0]
00h
Set the programmable filter2 coefficient b1
2Dh
[7:0]
B2[15:8]
00h
2Eh
[7:0]
B2[7:0]
00h
Set the programmable filter2 coefficient b2
• DSP Route Setting
The route of digital filter is selected by the SEL_USE_DSP register.
ADRS
Bit
Name
Init
Description
0Fh
[1]
SEL_USE_DSP
0b
DSP Route setting
1: DSP inserted in PB (DAC) side
0: DSP inserted in REC (ADC) side
Note: Programmable Filter and Wind Cut HPF functions serve as the DSP functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com