Electronic Components Datasheet Search
  English  ▼

X  

LC8740C8A Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LC8740C8A
Description  8-bit 1-chip Microcontroller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC8740C8A Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LC8740C8A Datasheet HTML 9Page - Sanyo Semicon Device LC8740C8A Datasheet HTML 10Page - Sanyo Semicon Device LC8740C8A Datasheet HTML 11Page - Sanyo Semicon Device LC8740C8A Datasheet HTML 12Page - Sanyo Semicon Device LC8740C8A Datasheet HTML 13Page - Sanyo Semicon Device LC8740C8A Datasheet HTML 14Page - Sanyo Semicon Device LC8740C8A Datasheet HTML 15Page - Sanyo Semicon Device LC8740C8A Datasheet HTML 16Page - Sanyo Semicon Device LC8740C8A Datasheet HTML 17Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
LC8740C8A/B2A/96A
No.A0122-13/25
Allowable Operating Conditions at Ta = -10
°C to +70°C, VSS1 = VSS2 = 0V
Specification
Parameter
Symbol
Pin/Remarks
Conditions
VDD[V]
min
typ
max
unit
Operating
supply voltage
VDD(1)
VDD1=VDD2
0.211
µs≤tCYC≤200µs
4.5
5.5
Memory
sustaining
supply voltage
VHD
VDD1=VDD2
RAM and register contents
sustained in HOLD mode
2.0
5.5
VIH(1)
Ports 0, 1, 2, 3
P71 to P73, 8, C
P70 port input/
interrupt side
HS, VS
4.5 to 5.5
0.3VDD
+0.7
VDD
VIH(2)
Port 70 watchdog
timer side
4.5 to 5.5
0.9VDD
VDD
High level
input voltage
VIH(3)
XT1, RES
4.5 to 5.5
0.75VDD
VDD
VIL(1)
Ports 0, 1, 2, 3
P71 to P73, 8, C
P70 port input/
interrupt side
HS, VS
4.5 to 5.5
VSS
0.1VDD
+0.4
VIL(2)
Port 70 watchdog
timer side
4.5 to 5.5
VSS
0.15VDD
+0.4
Low level
input voltage
VIL(3)
XT1, RES
4.5 to 5.5
VSS
0.25VDD
V
CVIN input
amplitude
VCVIN
CVIN
5.0
1Vp-p
-3dB
1Vp-p
1Vp-p
+3dB
Vp-p
tcyc(1)
(Note 2-1)
All functions
4.5 to 5.5
0.211
0.212
0.213
µs
Instruction
cycle time
tcyc(2)
(Note 2-1)
Except for OSD and data slicer
functions
4.5 to 5.5
0.211
200
µs
FEXOS(1)
SCON1=0
14.28
15.44
External OSD
clock
frequency
FEXOS(2)
P26/OSDCKI
DUTY50
±5%
of external
OSD clock (Note 2-3)
SCON1=1
4.5 to 5.5
28.56
30.88
MHz
FmVCO1
Internal VCO1 oscillator
4.5 to 5.5
14.08
14.15
14.22
CKSEL0=0
14.28
14.75
15.44
FmVCO2
Internal VCO2
Oscillator (Note 2-3)
CKSEL0=1
4.5 to 5.5
28.56
29.5
30.88
FmRC
Internal RC oscillator
4.5 to 5.5
0.3
1.0
2.0
MHz
Oscillation
frequency
range
(Note 2-2)
FsX'tal
XT1, XT2
32.768kHz crystal oscillation mode
See Fig. 1.
4.5 to 5.5
32.768
kHz
Note 2-1: Relationship between tCYC and oscillation frequency is 3/FmVCO1 at a division ratio of 1/1 and 6/FmVCO1
at a division ratio of 1/2.
Note 2-2: See Table 1 for the oscillation constants
Note 2-3: SCAN1 is Hsync frequency switch bit. CKSEL0 is OSD clock frequency switch bit.
(Refer to the LC874000 user's manual for details. )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com