Electronic Components Datasheet Search
  English  ▼

X  

LC8740B2A Datasheet(PDF) 21 Page - Sanyo Semicon Device

Part # LC8740B2A
Description  8-bit 1-chip Microcontroller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC8740B2A Datasheet(HTML) 21 Page - Sanyo Semicon Device

Back Button LC8740B2A Datasheet HTML 17Page - Sanyo Semicon Device LC8740B2A Datasheet HTML 18Page - Sanyo Semicon Device LC8740B2A Datasheet HTML 19Page - Sanyo Semicon Device LC8740B2A Datasheet HTML 20Page - Sanyo Semicon Device LC8740B2A Datasheet HTML 21Page - Sanyo Semicon Device LC8740B2A Datasheet HTML 22Page - Sanyo Semicon Device LC8740B2A Datasheet HTML 23Page - Sanyo Semicon Device LC8740B2A Datasheet HTML 24Page - Sanyo Semicon Device LC8740B2A Datasheet HTML 25Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
LC8740C8A/B2A/96A
No.A0122-21/25
Recommended Oscillation Circuit and Sample Characteristics
The sample oscillation circuit characteristics in the table below is based on the following conditions:
• Recommended circuit parameters are verified by an oscillator manufacturer using a Sanyo provided oscillation
evaluation board.
• Sample characteristics are the result of the evaluation with the recommended circuit parameters connected
externally.
Table 1. Recommended oscillation circuit and sample characteristics (Ta = -10
°C to +70°C)
Recommended circuit
parameters
Oscillation
stabilizing
time
Frequency
Manufacturer
Oscillator
C1
[pF]
C2
[pF]
Rf
[
Ω]
Rd
[
Ω]
Operating
supply voltage
range
[V]
typ
[s]
max
[s]
Remarks
32.768kHz
Seiko Epson
C-002RX
18
18
OPEN
620k
4.5 to 5.5
1.00
1.50
Notes: The oscillation stabilizing time period is the time until the VCO oscillation for the internal system becomes
stable after the following conditions. (See Figure 3.)
1. The VDD becomes higher than the minimum operating voltage after the power is supplied.
2. The HOLD mode is released.
The sample oscillation circuit characteristics may differ applications. For further assistance, please contact with
oscillator manufacturer with the following notes in your mind.
• Since the oscillation frequency precision is affected by wiring capacity of the application board, etc., adjust the
oscillation frequency on the production board.
• The above oscillation frequency and the operating supply voltage range are based on the operating temperature of
-10
°C to +70°C. For the use with the temperature outside of the range herein, or in the application requiring high
reliability such as car products, please consult with oscillator manufacturer.
• When using the oscillator which is not shown in the sample oscillation circuit characteristics, please consult with
Sanyo sales personnel.
Since the oscillation circuit characteristics are affected by the noise or wiring capacity because the circuit is designed
with low gain in order to reduce the power dissipation, refer to the following notices.
• The distance between the clock I/O terminal (XT1 terminal XT2 terminal) and external parts should be as short as
possible.
• The capacitors’ VSS should be allocated close to the microcontroller’s GND terminal and be away from other GND.
• The signal lines with rapid state change or with large current should be allocated away from the oscillation circuit.
Figure 1 Recommended Oscillation Circuit
Figure 2 AC Timing Measurement Point
0.5VDD
C1
Rd
C2
X’tal
XT2
XT1
Rf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com