Electronic Components Datasheet Search
  English  ▼

X  

LC72121 Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LC72121
Description  PLL Frequency Synthesizers for Electronic Tuning
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72121 Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LC72121 Datasheet HTML 9Page - Sanyo Semicon Device LC72121 Datasheet HTML 10Page - Sanyo Semicon Device LC72121 Datasheet HTML 11Page - Sanyo Semicon Device LC72121 Datasheet HTML 12Page - Sanyo Semicon Device LC72121 Datasheet HTML 13Page - Sanyo Semicon Device LC72121 Datasheet HTML 14Page - Sanyo Semicon Device LC72121 Datasheet HTML 15Page - Sanyo Semicon Device LC72121 Datasheet HTML 16Page - Sanyo Semicon Device LC72121 Datasheet HTML 17Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Serial Data Timing
No. 5815-13/23
LC72121, 72121M, 72121V
When CL is Stopped at the Low Level
When CL is Stopped at the High Level
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Data setup time
tSU
DI, CL
0.75
µs
Data hold time
tHD
DI, CL
0.75
µs
Clock low level time
tCL
CL
0.75
µs
Clock high level time
tCH
CL
0.75
µs
CE wait time
tEL
CE, CL
0.75
µs
CE setup time
tES
CE, CL
0.75
µs
CE hold time
tEH
CE, CL
0.75
µs
Data latch change time
tLC
0.75
µs
Data output time
tDC
DO, CL
These values differ depending on the value of the pull-up
0.35
µs
tDH
DO, CE
resistor used and the printed circuit board capacitance.
0.35
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com