Electronic Components Datasheet Search
  English  ▼

X  

S2S6M Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # S2S6M
Description  Schottky Rectifiers (SBD) (60V 1.3A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

S2S6M Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  S2S6M Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd S2S6M Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd S2S6M Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd S2S6M Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd S2S6M Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd S2S6M Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd S2S6M Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd S2S6M Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd S2S6M Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
S2S6M
60V 1.3A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
SHINDENGEN
OUTLINE DIMENSIONS
Unit : mm
RATINGS
APPLICATION
● Switching power supply
● DC/DC converter
● Home Appliances, Office Equipment
● Telecommunication
● Tj150℃
● PRRSM avalanche guaranteed
● 1.0φ lead
FEATURES
Case : AX10
●Absolute Maximum Ratings (If not specified Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-40∼150
℃
Operating Junction Temperature
Tj
150
℃
Maximum Reverse Voltage
VRM
60
V
Repetitive Peak Surge Reverse Voltage
VRRSM Pulse width 0.5ms, duty 1/40
65
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, Ta=52℃
1.3
A
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25℃
60
A
Repetitive Peak Surge Reverse Power
PRRSM
Pulse width 10μs, Tj=25℃
160
W
●Electrical Characteristics (If not specified Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=2A,
Pulse measurement
Max.0.58
V
Reverse Current
IR
VR=VRM,
Pulse measurement
Max.2
mA
Junction Capacitance
Cj
f=1MHz, VR=10V
Typ.120
pF
Thermal Resistance
θjl
junction to lead
Max.8
℃/W
θja
junction to ambient
Max.86
Single
Schottky Rectifiers (SBD)


Similar Part No. - S2S6M

ManufacturerPart #DatasheetDescription
logo
Epson Company
S2S65A00B00A000 EPSON-S2S65A00B00A000 Datasheet
534Kb / 38P
One-chip solution, which can reduce system cost.
S2S65A30 EPSON-S2S65A30 Datasheet
534Kb / 38P
One-chip solution, which can reduce system cost.
More results

Similar Description - S2S6M

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D10SC6MR SHINDENGEN-D10SC6MR Datasheet
695Kb / 11P
Schottky Rectifiers (SBD) (60V 10A)
D240SC6M SHINDENGEN-D240SC6M Datasheet
16Kb / 1P
Schottky Rectifiers (SBD) (60V 240A)
D25SC6M SHINDENGEN-D25SC6M Datasheet
543Kb / 10P
Schottky Rectifiers (SBD) (60V 25A)
D25SC6MR SHINDENGEN-D25SC6MR Datasheet
543Kb / 10P
Schottky Rectifiers (SBD) (60V 25A)
D2FS6 SHINDENGEN-D2FS6 Datasheet
589Kb / 11P
Schottky Rectifiers (SBD) (60V 1.5A)
D5S6M SHINDENGEN-D5S6M Datasheet
696Kb / 11P
Schottky Rectifiers (SBD) (60V 5A)
DE5S6M SHINDENGEN-DE5S6M Datasheet
744Kb / 12P
Schottky Rectifiers (SBD) (60V 5A)
DF25SC6M SHINDENGEN-DF25SC6M Datasheet
533Kb / 10P
Schottky Rectifiers (SBD) (60V 25A)
S25SC6M SHINDENGEN-S25SC6M Datasheet
539Kb / 10P
Schottky Rectifiers (SBD) (60V 25A)
S60SC6M SHINDENGEN-S60SC6M Datasheet
556Kb / 10P
Schottky Rectifiers (SBD)(60V 60A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com