Electronic Components Datasheet Search
  English  ▼

X  

2SD1444 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SD1444
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD1444 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SD1444 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD1444 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SD1444 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2SD1444 2SD1444A
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2SD1444
20
V(BR)CEO
Collector-emitter
breakdown voltage
2SD1444A
IC=10mA , IB=0
40
V
VCEsat
Collector-emitter saturation voltage
IC=5A; IB=0.16A
0.6
V
VBEsat
Base-emitter saturation voltage
IC=5A; IB=0.16A
1.5
V
2SD1444
VCB=40V; IE=0
ICBO
Collector
cut-off current
2SD1444A
VCB=50V; IE=0
50
μA
IEBO
Emitter cut-off current
VEB=5V; IC=0
50
μA
hFE-1
DC current gain
IC=0.1A ; VCE=2V
45
hFE-2
DC current gain
IC=2A ; VCE=2V
60
260
fT
Transition frequency
IC=0.5A ; VCE=10V
150
MHz
COB
Output capacitance
IE=0 ; VCB=10V;f=1MHz
110
pF
Switching times
ton
Turn-on time
0.3
μs
tstg
Storage time
0.3
μs
tf
Fall time
IC=2A; IB1=-IB2=66mA
0.1
μs
hFE-2 Classifications
R
Q
P
60-120
90-180
130-260



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com