Electronic Components Datasheet Search
  English  ▼

X  

LC863440C Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LC863440C
Description  8-bit 1-chip Microcontroller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863440C Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LC863440C Datasheet HTML 9Page - Sanyo Semicon Device LC863440C Datasheet HTML 10Page - Sanyo Semicon Device LC863440C Datasheet HTML 11Page - Sanyo Semicon Device LC863440C Datasheet HTML 12Page - Sanyo Semicon Device LC863440C Datasheet HTML 13Page - Sanyo Semicon Device LC863440C Datasheet HTML 14Page - Sanyo Semicon Device LC863440C Datasheet HTML 15Page - Sanyo Semicon Device LC863440C Datasheet HTML 16Page - Sanyo Semicon Device LC863440C Datasheet HTML 17Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LC863448C/40C/32C/28C/24C/20C/16C
No.A0117-13/18
Analog Mode RGB Characteristics at Ta = -10
°C to +70°C, VSS = 0V
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min.
typ.
max.
unit
Low level output
0.45
0.5
0.55
Intensity output
0.90
1.0
1.10
Analog output
voltage
R.G.B
Analog
output
mode
Hi level output
1.35
1.5
1.65
V
Time setting
R.G.B
70%
10pf load
5.0
50
ns
Sample Current Dissipation Characteristics at Ta = -10
°C to +70°C, VSS = 0V
The sample current dissipation characteristics is the measurement result of Sanyo provided evaluation board when the
recommended circuit parameters shown in the sample oscillation circuit characteristics are used externally.
The currents through the output transistors and the pull-up MOS transistors are ignored.
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min
typ
max
unit
IDDOP(1)
VDD
• FmX’tal=32.768kHz
X’tal oscillation
• System clock : VCO
• VCO for OSD operating
• OSD is Digital mode
• Internal RC oscillation stops
4.5 to 5.5
11
25
IDDOP(2)
VDD
• FmX’tal=32.768kHz X’tal scillation
• System clock: VCO
• VCO for OSD operating
• OSD is Analog mode
• Internal RC oscillation stops
4.5 to 5.5
20
35
mA
Current dissipation
during basic
operation
(Note 3)
IDDOP(3)
VDD
• FmX’tal=32.768kHz X’tal scillation
• System clock : X’tal
(Instruction cycle time: 366.2µs)
• VCO for system VCO for OSD,
internal RC oscillation stop
• Data slicer, AD converters stop
4.5 to 5.5
65
300
μA
IDDHALT(1)
VDD
• HALT mode
• FmX’tal=32.768kHz
X’tal oscillation
• System clock : VCO
• VCO for OSD stops
• Internal RC oscillation stops
4.5 to 5.5
3
9
mA
IDDHALT(2)
VDD
• HALT mode
• FmX’tal=32.768kHz
X’tal oscillation
• VCO for system stops
• VCO for OSD stops
• System clock : Internal RC
4.5 to 5.5
300
1000
Current dissipation
in HALT mode
(Note 3)
IDDHALT(3)
VDD
• HALT mode
• FmX’tal=32.768kHz
X’tal oscillation
• VCO for system stops
• VCO for OSD stops
• System clock: X’tal
(Instruction cycle time: 366.2
μs)
4.5 to 5.5
57
200
μA
Current dissipation
in HOLD mode
(Note 3)
IDDHOLD
VDD
• HOLD mode
• All oscillation stops.
4.5 to 5.5
0.05
20
μA
Note 3: The currents through the output transistors and the pull-up MOS transistors are ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com