Electronic Components Datasheet Search
  English  ▼

X  

S3L60 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # S3L60
Description  Super Fast Recovery Rectifiers(600V 2.2A)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

S3L60 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  S3L60 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd S3L60 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd S3L60 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd S3L60 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd S3L60 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd S3L60 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd S3L60 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
S3L60
600V 2.2A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
(Unit : mm)
RATINGS
SHINDENGEN
● High voltage super FRD
● Low noise
● trr50ns
● Applicable to Automatic Insertion
FEATURES
● PFC
● Switching power supply
● Free Wheel
● Home Appliances, Office Equipment
APPLICATION
Case : AX14
●Absolute Maximum Ratings (If not specified Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55∼150
℃
Operating Junction Temperature
Tj
150
℃
Maximum Reverse Voltage
VRM
600
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, Ta=25℃
1.8
A
50Hz sine wave, R-load, Tl=132℃
2.2
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25℃
60
A
●Electrical Characteristics (If not specified Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=2.2A,
Pulse measurement
Max.1.5
V
Reverse Current
IR
VR=VRM,
Pulse measurement
Max.10
μA
Reverse Recovery Time
trr
IF=0.5A,  I R=1A
Max.50
ns
Thermal Resistance
θjl
junction to lead
Max.6.5
℃/W
θja
junction to ambient
Max.60
Super Fast Recovery Rectifiers
Single


Similar Part No. - S3L60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S3L60 SHINDENGEN-S3L60_17 Datasheet
388Kb / 4P
Super Fast Recovery Diode
More results

Similar Description - S3L60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D1NF60 SHINDENGEN-D1NF60 Datasheet
348Kb / 7P
Super Fast Recovery Rectifiers(600V 0.8A)
D30L60 SHINDENGEN-D30L60 Datasheet
412Kb / 6P
Super Fast Recovery Rectifiers(600V 30A)
D5L60 SHINDENGEN-D5L60 Datasheet
463Kb / 7P
Super Fast Recovery Rectifiers(600V 5A)
DF10L60 SHINDENGEN-DF10L60 Datasheet
388Kb / 6P
Super Fast Recovery Rectifiers(600V 10A)
S16L60 SHINDENGEN-S16L60 Datasheet
375Kb / 6P
Super Fast Recovery Rectifiers(600V 16A)
S20L60 SHINDENGEN-S20L60 Datasheet
389Kb / 6P
Super Fast Recovery Rectifiers(600V 20A)
S2L60 SHINDENGEN-S2L60 Datasheet
435Kb / 7P
Super Fast Recovery Rectifiers(600V 1.5A)
SF10L60U SHINDENGEN-SF10L60U Datasheet
333Kb / 6P
Super Fast Recovery Rectifiers(600V 10A)
SF20L60U SHINDENGEN-SF20L60U Datasheet
334Kb / 6P
Super Fast Recovery Rectifiers(600V 20A)
SF8L60 SHINDENGEN-SF8L60 Datasheet
375Kb / 6P
Super Fast Recovery Rectifiers(600V 8A)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com