Electronic Components Datasheet Search
  English  ▼

X  

S3WB20 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # S3WB20
Description  Bridge Diode(200V 2.3A)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

S3WB20 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  S3WB20 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd S3WB20 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd S3WB20 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd S3WB20 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd S3WB20 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
200V 2.3A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
Bridge Diode
OUTLINE DIMENSIONS
RATINGS
Square In-line Package
SHINDENGEN
Unit : mm
Case : S3WB
S3WB20
● Absolute Maximum Ratings
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-40~150
℃
Operating Junction Temperature
Tj
150
℃
Maximum Reverse Voltage
VRM
200
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, On glass-epoxy substrate, Ta=40℃
2.3
A
Peak Surge Forward Current
IFSM 50Hz sine wave, Non-repetitive 1cycle peak value, Tj=25℃
120
A
Current Squared Time
I
2t
1ms≦t<10ms Tc=25℃
60
A
2s
● Electrical Characteristics (Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=2A,
Pulse measurement, Rating of per diode
Max.1.05
V
Reverse Current
IR
VR=VRM,
Pulse measurement, Rating of per diode
Max.10
μA
Thermal Resistance
θjl
junction to lead  
Max.5.5 ℃/W
θja junction to ambient 
Max.26.5


Similar Part No. - S3WB20

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
S3WB20 NJSEMI-S3WB20 Datasheet
140Kb / 2P
SILICON BRIDGE RECTIFIER
logo
EIC discrete Semiconduc...
S3WB20 EIC-S3WB20 Datasheet
75Kb / 2P
SILICON BRIDGE RECTIFIER
Rev. 02 : March 24, 2005
More results

Similar Description - S3WB20

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S10VB20 SHINDENGEN-S10VB20 Datasheet
261Kb / 5P
Bridge Diode(200V 10A)
S10WB20 SHINDENGEN-S10WB20 Datasheet
282Kb / 6P
Bridge Diode(200V 10A)
S15VB20 SHINDENGEN-S15VB20 Datasheet
262Kb / 5P
Bridge Diode(200V 15A)
S15WB20 SHINDENGEN-S15WB20 Datasheet
310Kb / 6P
Bridge Diode(200V 15A)
S20WB20 SHINDENGEN-S20WB20 Datasheet
312Kb / 6P
Bridge Diode(200V 20A)
S25VB20 SHINDENGEN-S25VB20 Datasheet
292Kb / 5P
Bridge Diode(200V 25A)
S2VB20 SHINDENGEN-S2VB20 Datasheet
259Kb / 5P
Bridge Diode(200V 2A)
S3WB60 SHINDENGEN-S3WB60 Datasheet
267Kb / 5P
Bridge Diode(600V 2.3A)
S4VB20 SHINDENGEN-S4VB20 Datasheet
261Kb / 5P
Bridge Diode(200V 4A)
S5VB20 SHINDENGEN-S5VB20 Datasheet
263Kb / 5P
Bridge Diode(200V 6A)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com