Electronic Components Datasheet Search
  English  ▼

X  

LC877696B Datasheet(PDF) 21 Page - Sanyo Semicon Device

Part # LC877696B
Description  8-bit 1-chip Microcontroller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC877696B Datasheet(HTML) 21 Page - Sanyo Semicon Device

Back Button LC877696B Datasheet HTML 17Page - Sanyo Semicon Device LC877696B Datasheet HTML 18Page - Sanyo Semicon Device LC877696B Datasheet HTML 19Page - Sanyo Semicon Device LC877696B Datasheet HTML 20Page - Sanyo Semicon Device LC877696B Datasheet HTML 21Page - Sanyo Semicon Device LC877696B Datasheet HTML 22Page - Sanyo Semicon Device LC877696B Datasheet HTML 23Page - Sanyo Semicon Device LC877696B Datasheet HTML 24Page - Sanyo Semicon Device LC877696B Datasheet HTML 25Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
LC877696B/80B/64B/48B
No.A0965-21/25
UART (Full Duplex) Operating Conditions at Ta = -20 to +70°C, VSS1 = VSS2 = VSS3 = 0V
Specification
Parameter
Symbol
Pin/Remarks
Conditions
VDD[V]
min
typ
max
unit
Transfer rate
UBR
UTX(P00),
URX(P01)
2.2 to 5.5
16/3
8192/3
tCYC
Data length: 7/8/9 bits (LSB first)
Stop bits:
1 bit (2-bit in continuous data transmission mode)
Parity bits:
None
Example of 8-bit Data Transmission Mode Processing (Transmit Data=55H)
Example of 8-bit Data Reception Mode Processing (Receive Data=55H)
* When using UART, set P0LDDR (P0DDR: BIT0) to “0”
Characteristics of a Sample Main System Clock Oscillation Circuit
Given below are the characteristics of a sample main system clock oscillation circuit that are measured using a
SANYO-designated oscillation characteristics evaluation board and external components with circuit constant values
with which the oscillator vendor confirmed normal and stable oscillation.
Table 1 Characteristics of a Sample Main System Clock Oscillator Circuit with a Ceramic Oscillator
Circuit Constant
Oscillation
Stabilization Time
Nominal
Frequency
Vendor
Name
Oscillator Name
C1
[pF]
C2
[pF]
Rf1
[
Ω]
Rd1
[
Ω]
Operating
Voltage
Range
[V]
typ
[ms]
max
[ms]
Remarks
12MHz
MURATA
CSTCE120G52-R0
(10)
(10)
OPEN
330
3.0 to 5.5
0.05
0.15
Built-in
C1, C2
CSTLS8M00G53-B0
(15)
(15)
OPEN
680
2.5 to 5.5
0.05
0.15
8MHz
MURATA
CSTCE8M00G52-R0
(10)
(10)
OPEN
330
2.5 to 5.5
0.05
0.15
Built-in
C1, C2
CSTLS4M00G53-B0
(15)
(15)
OPEN
1.5k
2.2 to 5.5
0.05
0.15
4MHz
MURATA
CSTCR4M00G53-R0
(15)
(15)
OPEN
1k
2.5 to 5.5
0.05
0.15
Built-in
C1, C2
The oscillation stabilization time refers to the time interval that is required for the oscillation to get stabilized after VDD
goes above the operating voltage lower limit (see Figure 4).
Transmit data (LSB first)
Start of
transmission
End of
transmission
UBR
Start bit
Stop bit
UBR
Receive data (LSB first)
Start of
reception
End of
reception
Start bit
Stop bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com