Electronic Components Datasheet Search
  English  ▼

X  

LC877808A Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC877808A
Description  8-bit 1-chip Microcontroller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC877808A Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC877808A Datasheet HTML 1Page - Sanyo Semicon Device LC877808A Datasheet HTML 2Page - Sanyo Semicon Device LC877808A Datasheet HTML 3Page - Sanyo Semicon Device LC877808A Datasheet HTML 4Page - Sanyo Semicon Device LC877808A Datasheet HTML 5Page - Sanyo Semicon Device LC877808A Datasheet HTML 6Page - Sanyo Semicon Device LC877808A Datasheet HTML 7Page - Sanyo Semicon Device LC877808A Datasheet HTML 8Page - Sanyo Semicon Device LC877808A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LC877816A/12A/08A
No.A0635-2/21
Minimum Bus Cycle Time
• 250ns (4MHz)
Note: The bus cycle time indicates ROM read time.
Minimum Instruction Cycle Time (tCYC)
• 750ns (4MHz)
Power Save Mode
• Power save mode is available, when system clock is RC oscillation or crystal oscillation.
Ports
• Input/output ports
Data direction programmable for each bit individually:
12 (P1n, P70 to P73)
Data direction programmable in nibble units:
8 (P0n)
(When N-channel open drain output is selected, data can be input in bit units.)
• LCD ports
Segment output:
24 (S00 to S23)
Common output:
4 (COM0 to COM3)
Bias terminals for LCD driver
5 (V1 to V3, CUP1, CUP2)
Other functions
Input/output ports:
8(PCn)
• Oscillator pins:
4 (CF1, CF2, XT1, XT2)
• Reset pin:
1 (RES)
• Power supply:
4 (VSS1 to 2, VDD1 to 2)
1 (VDC)
LCD Controller
• Seven display modes are available.
• Segment output (S16 to S23) can be switched to general purpose input/output ports.
• Duty: 1/3duty, 1/4duty
• Bias: 1/2bias, 1/3bias
• LCD power
1) 1/3bias V1: 1.2V to 1.8V
V2: 2.4V to 3.6V
V3: 3.6V to 5.4V
2) 1/2bias V1: 1.2V to 1.8V
V2: 2.4V to 3.6V
V3: 2.4V to 3.6V
(connect V2 and V3)
Timers
• Timer 0: 16 bit timer/counter with capture register
Mode 0: 2 channel 8-bit timer with programmable 8 bit prescaler and 8 bit capture register
Mode 1: 8 bit timer with 8 bit programmable prescaler and 8 bit capture register
+ 8 bit counter with 8-bit capture register
Mode 2: 16 bit timer with 8 bit programmable prescaler and 16 bit capture register
Mode 3: 16 bit counter with 16 bit capture register
• Timer 1: PWM/16 bit timer/counter with toggle output function
Mode 0: 2 channel 8 bit timer/counter (with toggle output)
Mode 1: 2 channel 8 bit PWM
Mode 2: 16 bit timer/counter (with toggle output) Toggle output from lower 8 bits is also possible.
Mode 3: 16 bit timer (with toggle output) Lower order 8 bits can be used as PWM.
• Timer 4: 8-bit timer with 6-bit prescaler
• Timer 5: 8-bit timer with 6-bit prescaler
• Timer 6: 8-bit timer with 6-bit prescaler (with toggle output)
• Timer 7: 8-bit timer with 6-bit prescaler (with toggle output)
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com