Electronic Components Datasheet Search
  English  ▼

X  

S50VB80 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # S50VB80
Description  Bridge Diode(800V 50A)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

S50VB80 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  S50VB80 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd S50VB80 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd S50VB80 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd S50VB80 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd S50VB80 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
800V 50A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
Bridge Diode
OUTLINE DIMENSIONS
RATINGS
Square In-line Package
SHINDENGEN
Unit : mm
Case : S50VB
S50VB80
● Absolute Maximum Ratings
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-40~150
℃
Operating Junction Temperature
Tj
150
℃
Maximum Reverse Voltage
VRM
800
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, With heatsink, Tc=95℃
50
A
Peak Surge Forward Current
IFSM 50Hz sine wave, Non-repetitive 1cycle peak value, Tj=25℃
500
A
Current Squared Time
I
2t
1ms≦t<10ms Tc=25℃
800
A
2s
Dielectric Strength
Vdis Terminals to case, AC 1 minute
2kV
Mounting Torque
TOR (Recommended torque : 0.6N・m)
0.8
N・m
● Electrical Characteristics (Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=25A,
Pulse measurement, Rating of per diode
Max.1.05
V
Reverse Current
IR
VR=VRM,
Pulse measurement, Rating of per diode
Max.10
μA
Thermal Resistance
θjc junction to case  
Max.0.5 ℃/W


Similar Part No. - S50VB80

ManufacturerPart #DatasheetDescription
logo
Kingtronics Internation...
S50VB80 KINGTRONICS-S50VB80 Datasheet
363Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 50 Ampere
logo
Suntan Capacitors
S50VB80 SUNTAN-S50VB80 Datasheet
243Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
logo
EIC discrete Semiconduc...
S50VB80 EIC-S50VB80 Datasheet
145Kb / 2P
SILICON BRIDGE RECTIFIER
Rev. 00:Fabruary 9, 2010
More results

Similar Description - S50VB80

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S10VTA80 SHINDENGEN-S10VTA80 Datasheet
269Kb / 5P
3 Phase Bridge Diode(800V 10A)
S20VT80 SHINDENGEN-S20VT80 Datasheet
244Kb / 5P
3 Phase Bridge Diode(800V 20A)
S20VTA80 SHINDENGEN-S20VTA80 Datasheet
275Kb / 5P
3 Phase Bridge Diode(800V 20A)
S30VT80 SHINDENGEN-S30VT80 Datasheet
274Kb / 5P
3 Phase Bridge Diode(800V 30A)
S50VB60 SHINDENGEN-S50VB60 Datasheet
302Kb / 5P
Bridge Diode(600V 50A)
logo
Nihon Inter Electronics...
PGH508AM NIEC-PGH508AM Datasheet
234Kb / 4P
THYRISTOR MODULE 50A / 800V
PT50S8 NIEC-PT50S8 Datasheet
50Kb / 5P
DIODE MODULE 50A/800V
PT508C NIEC-PT508C Datasheet
116Kb / 3P
DIODE MODULE 50A/800V
PT518 NIEC-PT518 Datasheet
137Kb / 3P
DIODE MODULE 50A/800V
logo
Solid States Devices, I...
SDA253F SSDI-SDA253F Datasheet
34Kb / 2P
50A / 400 - 800V THREE PHASE BRIDGE RECTIFIER ASSEMBLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com