Electronic Components Datasheet Search
  English  ▼

X  

S5S4M Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # S5S4M
Description  Schottky Rectifiers (SBD) (40V 5A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

S5S4M Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  S5S4M Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd S5S4M Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd S5S4M Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd S5S4M Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd S5S4M Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd S5S4M Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd S5S4M Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd S5S4M Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd S5S4M Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
S5S4M
40V 5A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
Case : TO-220
OUTLINE DIMENSIONS
Unit : mm
RATINGS
SHINDENGEN
Case : TO-220
●Absolute Maximum Ratings (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-40∼150
℃
Operating Junction Temperature
Tj
150
℃
Maximum Reverse Voltage
VRM
40
V
Repetitive Peak Surge Reverse Voltage
VRRSM
Pulse width 0.5ms, duty 1/40
45
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load
Tc=138℃ 
5
A
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=125℃
100
A
Repetitive Peak Surge Reverse Power
PRRSM
Pulse width 10μs, Tj=25℃
330
W
Mounting Torque
TOR
(
Recommended torque:0.3N・m)
0.5
N・m
●Electrical Characteristics (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=5A,
Pulse measurement
Max.0.55
V
Reverse Current
IR
VR=VRM, Pulse measurement
Max.3.5
mA
Junction Capacitance
Cj
f=1MHz, VR=10V
Typ.180
pF
Thermal Resistance
θjc
junction to case
Max.3
℃/W
Single
Schottky Rectifiers (SBD)


Similar Part No. - S5S4M

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S5S4M SHINDENGEN-S5S4M Datasheet
158Kb / 1P
SEMICONDUCTOR
More results

Similar Description - S5S4M

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D5S4M SHINDENGEN-D5S4M Datasheet
626Kb / 10P
Schottky Rectifiers (SBD) (40V 5A)
D5S6M SHINDENGEN-D5S6M Datasheet
696Kb / 11P
Schottky Rectifiers (SBD) (60V 5A)
D5S9M SHINDENGEN-D5S9M Datasheet
603Kb / 11P
Schottky Rectifiers (SBD) (90V 5A)
D5SC4M SHINDENGEN-D5SC4M Datasheet
591Kb / 11P
Schottky Rectifiers (SBD) (40V 5A)
D5SC4MR SHINDENGEN-D5SC4MR Datasheet
593Kb / 11P
Schottky Rectifiers (SBD) (40V 5A)
DE5PC3 SHINDENGEN-DE5PC3 Datasheet
541Kb / 8P
Schottky Rectifiers (SBD) (30V 5A)
DE5S6M SHINDENGEN-DE5S6M Datasheet
744Kb / 12P
Schottky Rectifiers (SBD) (60V 5A)
DE5SC4M SHINDENGEN-DE5SC4M Datasheet
655Kb / 11P
Schottky Rectifiers (SBD) (40V 5A)
SF5S4 SHINDENGEN-SF5S4 Datasheet
613Kb / 10P
Schottky Rectifiers (SBD) (40V 5A)
SF5SC4 SHINDENGEN-SF5SC4 Datasheet
542Kb / 10P
Schottky Rectifiers (SBD) (40V 5A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com