Electronic Components Datasheet Search
  English  ▼

X  

LE25FS406 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LE25FS406
Description  4M-bit (512K횞8) Serial Flash Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25FS406 Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LE25FS406 Datasheet HTML 3Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 4Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 5Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 6Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 7Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 8Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 9Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 10Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LE25FS406
No.A1577-7/22
2. Status Registers
The status registers hold the operating and setting statuses inside the device, and this information can be read (status
register read) and the protect information can be rewritten (status register write). There are 8 bits in total, and "Table 4
Status registers" gives the significance of each bit.
Table 4 Status Registers
Bit
Name
Logic
Function
Power-on Time Information
0
Ready
Bit0
RDY
1
Erase/Program
0
0
Write disabled
Bit1
WEN
1
Write enabled
0
0
Bit2
BP0
1
Nonvolatile information
0
Bit3
BP1
1
Nonvolatile information
0
Bit4
BP2
1
Block protect information
Protecting area switch
Nonvolatile information
0
Bit5
TB
1
Block protect
Upper side/Lower side switch
Nonvolatile information
Bit6
Reserved bits
0
0
Status register write enabled
Bit7
SRWP
1
Status register write disabled
Nonvolatile information
2-1. Status register read
The contents of the status registers can be read using the status register read command. This command can be executed
even during the following operations.
• Small sector erase, sector erase, chip erase
• Page program
• Status register write
"Figure 6 Status Register Read" shows the timing waveforms of status register read. Consisting only of the first bus
cycle, the status register command outputs the contents of the status registers synchronized to the falling edge of the
clock (SCK) with which the eighth bit of (05h) has been input. In terms of the output sequence, SRWP (bit 7) is the first
to be output, and each time one clock is input, all the other bits up to RDY (bit 0) are output in sequence, synchronized
to the falling clock edge. If the clock input is continued after RDY (bit 0) has been output, the data is output by
returning to the bit (SRWP) that was first output, after which the output is repeated for as long as the clock input is
continued. The data can be read by the status register read command at any time (even during a program or erase cycle).
Figure 6 Status Register Read
CS
SCK
SI
SO
MSB
MSB
MSB
05h
DATA
DATA
High Impedance
8
3
2
1
0
7
6
5
4
15
23
Mode 3
Mode 0
8CLK
16
DATA
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com