Electronic Components Datasheet Search
  English  ▼

X  

EGP10D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # EGP10D
Description  Glass Passivated Ultrafast Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EGP10D Datasheet(HTML) 2 Page - Vishay Siliconix

  EGP10D Datasheet HTML 1Page - Vishay Siliconix EGP10D Datasheet HTML 2Page - Vishay Siliconix EGP10D Datasheet HTML 3Page - Vishay Siliconix EGP10D Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 88582
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 15-Mar-11
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
EGP10A thru EGP10G
Vishay General Semiconductor
Note
(1) Thermal resistance from junction to ambient, and from junction to lead at 0.375" (9.5 mm) lead length, PCB mounted
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
EGP10A
EGP10B
EGP10C
EGP10D
EGP10F
EGP10G
UNIT
Maximum instantaneous
forward voltage
1.0 A
VF
0.95
1.25
V
Maximum DC reverse
current at rated DC
blocking voltage
TA = 25 °C
IR
5.0
μA
TA = 125 °C
100
Maximum reverse
recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
50
ns
Typical junction
capacitance
4.0 V, 1 MHz
CJ
22
15
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
EGP10A
EGP10B
EGP10C
EGP10D
EGP10F
EGP10G
UNIT
Typical thermal resistance
RJA (1)
50
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
EGP10D-E3/54
0.337
54
5500
13" diameter paper tape and reel
EGP10D-E3/73
0.337
73
3000
Ammo pack packaging
EGP10DHE3/54 (1)
0.337
54
5500
13" diameter paper tape and reel
EGP10DHE3/73 (1)
0.337
73
3000
Ammo pack packaging
0
1.0
0
25
50
75
100
125
150
175
Lead Temperature (°C)
0.5
Resistive or Inductive Load
0.375" (9.5 mm) Lead Length
0
5
10
15
20
25
30
1
100
10
Number of Cycles at 60 Hz
T
J = TJ Max.
8.3 ms Single Half Sine-Wave



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com