Electronic Components Datasheet Search
  English  ▼

X  

EGP50C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # EGP50C
Description  Glass Passivated Ultrafast Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EGP50C Datasheet(HTML) 2 Page - Vishay Siliconix

  EGP50C Datasheet HTML 1Page - Vishay Siliconix EGP50C Datasheet HTML 2Page - Vishay Siliconix EGP50C Datasheet HTML 3Page - Vishay Siliconix EGP50C Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 88585
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 15-Mar-11
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
EGP50A thru EGP50G
Vishay General Semiconductor
Note
(1) Thermal resistance from junction to ambient, and from junction to lead at 0.375" (9.5 mm) lead length, PCB mounted
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
EGP50A EGP50B EGP50C EGP50D
EGP50F
EGP50G UNIT
Maximum instantaneous
forward voltage
5.0 A
VF
0.95
1.25
V
Maximum DC reverse current
at rated DC blocking voltage
TA = 25 °C
IR
5.0
μA
TA = 125 °C
50
Maximum reverse
recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
50
ns
Typical junction capacitance
4.0 V, 1 MHz
CJ
95
75
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
EGP50A EGP50B EGP50C EGP50D
EGP50F
EGP50G UNIT
Typical thermal resistance
RJA (1)
20
°C/W
RJL (1)
5.0
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
EGP50G-E3/54
1.01
54
1400
13" diameter paper tape and reel
EGP50G-E3/73
1.01
73
1000
Ammo pack packaging
EGP50GHE3/54 (1)
1.01
54
1400
13" diameter paper tape and reel
EGP50GHE3/73 (1)
1.01
73
1000
Ammo pack packaging
6.0
0
25
50
75
100
125
150
175
0
1.0
2.0
3.0
4.0
5.0
Lead Temperature (°C)
Copper Heatsinks
T
L
L
0.375" (9.5 mm)
Lead Length
Resistive or Inductive Load
Number of Cycles at 60 Hz
175
1
10
100
0
25
50
75
100
125
150
T
J = TJ Max.
8.3 ms Single Half Sine-Wave



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com