Electronic Components Datasheet Search
  English  ▼

X  

ER50-206 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ER50-206
Description  DC Filter Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ER50-206 Datasheet(HTML) 3 Page - Vishay Siliconix

  ER50-206 Datasheet HTML 1Page - Vishay Siliconix ER50-206 Datasheet HTML 2Page - Vishay Siliconix ER50-206 Datasheet HTML 3Page - Vishay Siliconix ER50-206 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 13013
For technical questions, contact: esta@vishay.com
www.vishay.com
Revision: 11-Aug-10
3
ER
DC Filter Capacitors
Vishay ESTA
Note
(1) These capacitors are fitted with one high voltage terminal and case terminal. An additional terminal for connection to case is
available as an optional extra. Add suffix M to part number.
TYPE DESCRIPTION
PART NUMBER CAP.
μF
AB
C
D
E
5000 VDC WKG
ER50-104
0.1
60
48
28
20
20
ER50-254
0.25
75
48
28
20
20
ER50-105
1.0
115
54
48
22
35
ER50-405
4.0
155
85
67
40
35
ER50-805
8.0
135
130
100
50
35
ER50-106
10.0
155
130
100
50
35
ER50-206
20.0
290
130
100
50
35
ER50-506
50.0
295
180
180
75
35
6000 VDC WKG
ER60-104
0.1
65
54
48
(1)
35
ER60-254
0.25
80
54
48
(1)
35
ER60-504
0.5
100
80
48
40
35
ER60-105
1.0
100
85
67
40
35
ER60-205
2.0
100
130
100
50
35
ER60-405
4.0
135
130
100
50
35
ER60-605
6.0
180
130
100
50
35
ER60-805
8.0
250
130
100
50
35
ER60-106
10.0
290
130
100
50
35
ER60-126
12.0
345
130
100
50
35
ER60-206
20.0
180
220
164
125
60
8000 VDC WKG
ER80-503
0.05
58
60
54
(1)
60
ER80-104
0.1
65
60
54
(1)
60
ER80-254
0.25
85
60
54
(1)
60
ER80-504
0.5
140
60
54
(1)
60
ER80-105
1.0
120
85
67
40
60
ER80-205
2.0
120
130
100
50
60
ER80-405
4.0
200
130
100
50
60
ER80-605
6.0
270
130
100
50
60
ER80-805
8.0
345
130
100
50
60
ER80-156
15.0
280
180
180
75
60
10 000 VDC WKG
ER100-503
0.05
58
80
48
40
60
ER100-104
0.1
65
80
48
54
60
ER100-504
0.5
140
80
48
40
60
ER100-105
1.0
160
85
67
40
60
ER100-205
2.0
140
130
100
50
60
ER100-405
4.0
260
130
100
50
60
ER100-605
6.0
350
130
100
50
60
ER100-805
8.0
300
190
120
75
60
ER100-156
15.0
350
180
180
75
60
TYPE DESCRIPTION
PART NUMBER
CAP.
μF
AB
C
D
E
12 000 VDC WKG
ER120-503
0.05
75
85
67
40
60
ER120-104
0.10
100
85
67
40
60
ER120-254
0.25
105
85
67
40
60
ER120-105
1.0
145
130
100
75
60
ER120-205
2.0
240
130
100
75
60
ER120-405
4.0
280
190
120
75
60
15 000 VDC WKG
ER150-103
0.01
60
60
54
(1)
60
ER150-203
0.02
60
60
54
(1)
60
ER150-503
0.05
85
60
54
(1)
60
ER150-104
0.10
105
80
48
(1)
60
ER150-254
0.25
125
85
67
40
60
ER150-504
0.50
190
85
67
40
60
ER150-504X
0.50
105
130
100
75
60
ER150-105
1.0
160
130
100
75
60
ER150-205
2.0
190
159
120
75
60
20 000 VDC WKG
ER200-103
0.01
70
80
48
(1)
60
ER200-503X
0.05
85
85
67
40
60
ER200-104
0.1
105
85
67
40
60
ER200-254
0.25
190
85
67
40
60
ER200-504
0.5
160
130
100
75
60
ER200-105
1.0
300
130
100
75
60
ER200-205
2.0
250
180
180
90
100
ER200-405
4.0
305
240
180
100
100
25 000 VDC WKG
ER250-503
0.05
110
85
67
(1)
70
ER250-104X
0.1
95
130
100
65
70
ER250-254
0.25
130
130
100
65
70
ER250-504
0.5
250
130
100
65
70
30 000 VDC WKG
ER300-303
0.03
120
85
67
(1)
70
ER300-104
0.1
200
85
67
(1)
70
ER300-104X
0.1
120
130
100
65
70
ER300-504
0.5
315
130
100
65
70
ER300-105
1.0
295
180
180
75
100
40 000 VDC WKG
ER400-303
0.03
160
85
67
(1)
70
ER400-503
0.05
210
85
67
(1)
70
ER400-503X
0.05
125
130
100
65
70



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com