Electronic Components Datasheet Search
  English  ▼

X  

SF5S6 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # SF5S6
Description  Schottky Rectifiers (SBD) (60V 5A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

SF5S6 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  SF5S6 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd SF5S6 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd SF5S6 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd SF5S6 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd SF5S6 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd SF5S6 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd SF5S6 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd SF5S6 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd SF5S6 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SF5S6
60V 5A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
(Unit : mm)
RATINGS
SHINDENGEN
Case : FTO-220
FEATURES
● Tj150℃
● PRRSM avalanche guaranteed
● Fully Isolated Molding
● Dielectric strength 1.5KV guaranteed
APPLICATION
● Switching power supply
● DC/DC converter
● Home Appliances, Office Equipment
● Telecommunication
●Absolute Maximum Ratings (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55∼150
℃
Operating Junction Temperature
Tj
150
℃
Maximum Reverse Voltage
VRM
60
V
Repetitive Peak Surge Reverse Voltage
VRRSM
Pulse width 0.5ms, duty 1/40
65
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, Tc=134℃
5
A
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25℃
150
A
Repetitive Peak Surge Reverse Power
PRRSM
Pulse width 10μs, Tj=25℃
330
W
Dielectric Strength
Vdis
Terminals to case, AC 1 minute
1.5
kV
Mounting Torque
TOR
(Recommended torque:
0.3N・m)
0.5
N・m
●Electrical Characteristics (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=5A
Pulse measurement
Max.0.58
V
Reverse Current
IR
VR=VRM
Pulse measurement
Max. 4.5
mA
Junction Capacitance
Cj
f=1MHz, VR=10V
Typ.260
pF
Thermal Resistance
θjc
junction to case
Max.3.5
℃/W
Single
Schottky Rectifiers (SBD)


Similar Part No. - SF5S6

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
SF5S4 SHINDENGEN-SF5S4 Datasheet
613Kb / 10P
Schottky Rectifiers (SBD) (40V 5A)
SF5SC3L SHINDENGEN-SF5SC3L Datasheet
629Kb / 10P
Schottky Rectifiers (SBD) (30V 5A)
SF5SC4 SHINDENGEN-SF5SC4 Datasheet
542Kb / 10P
Schottky Rectifiers (SBD) (40V 5A)
More results

Similar Description - SF5S6

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D5S6M SHINDENGEN-D5S6M Datasheet
696Kb / 11P
Schottky Rectifiers (SBD) (60V 5A)
D5S9M SHINDENGEN-D5S9M Datasheet
603Kb / 11P
Schottky Rectifiers (SBD) (90V 5A)
D5SC4MR SHINDENGEN-D5SC4MR Datasheet
593Kb / 11P
Schottky Rectifiers (SBD) (40V 5A)
DE5PC3 SHINDENGEN-DE5PC3 Datasheet
541Kb / 8P
Schottky Rectifiers (SBD) (30V 5A)
DE5S6M SHINDENGEN-DE5S6M Datasheet
744Kb / 12P
Schottky Rectifiers (SBD) (60V 5A)
DE5SC6M SHINDENGEN-DE5SC6M Datasheet
596Kb / 11P
Schottky Rectifiers (SBD) (60V 5A)
S5S4M SHINDENGEN-S5S4M Datasheet
602Kb / 10P
Schottky Rectifiers (SBD) (40V 5A)
SF5S4 SHINDENGEN-SF5S4 Datasheet
613Kb / 10P
Schottky Rectifiers (SBD) (40V 5A)
SF5SC3L SHINDENGEN-SF5SC3L Datasheet
629Kb / 10P
Schottky Rectifiers (SBD) (30V 5A)
SF5SC4 SHINDENGEN-SF5SC4 Datasheet
542Kb / 10P
Schottky Rectifiers (SBD) (40V 5A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com