Electronic Components Datasheet Search
  English  ▼

X  

BD440 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BD440
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD440 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BD440 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD440 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BD440 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon PNP Power Transistors
BD440 BD442
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEsat
Collector-emitter saturation voltage
IC=
-2A; IB=-0.2A
-0.8
V
VBE-1
Base-emitter on voltage
IC=
-10mA ; VCE=-5V
-0.58
V
VBE-2
Base-emitter on voltage
IC=
-2A ; VCE=-1V
-1.5
V
BD440
-60
VCEO(SUS)
Collector-emitter
sustaining voltage
BD442
IC=
-0.1A; IB=0
-80
V
BD440
VCB=
-60V; IE=0
ICBO
Collector cut-off current
BD442
VCB=
-80V; IE=0
-100
μA
BD440
VCE=
-60V; VBE=0
ICES
Collector cut-off current
BD442
VCE=
-80V; VBE=0
-100
μA
IEBO
Emitter cut-off current
VEB=
-5V; IC=0
-1
mA
BD440
20
hFE-1
DC current gain
BD442
IC=
-10mA ; VCE=-5V
15
130
hFE-2
DC current gain
IC=
-0.5A ; VCE=-1V
40
140
BD440
25
hFE-3
DC current gain
BD442
IC=
-2A ; VCE=-1V
15
fT
Transition frequency
IC=
-250mA; VCE=-1V
3
MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com