Electronic Components Datasheet Search
  English  ▼

X  

LV25700PM Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LV25700PM
Description  For Car Radio Single chip Tuner IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV25700PM Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LV25700PM Datasheet HTML 1Page - Sanyo Semicon Device LV25700PM Datasheet HTML 2Page - Sanyo Semicon Device LV25700PM Datasheet HTML 3Page - Sanyo Semicon Device LV25700PM Datasheet HTML 4Page - Sanyo Semicon Device LV25700PM Datasheet HTML 5Page - Sanyo Semicon Device LV25700PM Datasheet HTML 6Page - Sanyo Semicon Device LV25700PM Datasheet HTML 7Page - Sanyo Semicon Device LV25700PM Datasheet HTML 8Page - Sanyo Semicon Device LV25700PM Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
LV25700PM
No.A1709-2/68
Continued from preceding page.
• Auto alignment EEPROM not necessary. It is incorporated inside the IC
FM RF, VCO, Null-voltage, Mute-on, Mute-ATT, SNC, HCC, Separation, S-meter, AM/FM AGC sensitivity,
AM/FM IF gain, SD sensitivity, I
2C bus compatible
* This IC can be supplied in the adjusted state. Some adjustments are necessary depending on the specifications and
external components.
• Other functions
Neighboring interference (Quality Out) RDS AF-search support
I
2C communication bus
Specifications
Absolute Maximum Ratings at Ta = 25
°C, GND = 0V
Parameter
Symbol
Conditions
Ratings
Unit
VCC_H max
8.7
V
VCC_L max
5.7
V
VDD max
6.5
V
Maximum supply voltage
VDDBUS max
6.5
V
Maximum input current
VIN max
6.5
V
Maximum output current
VO max
6.5
V
Allowable power dissipation
Pd max
(Ta
≤ 85°C)
1040
mW
Operating temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-40 to +150
°C
Recommended Operating Conditions at Ta = 25
°C, GND = 0V
Parameter
Symbol
Conditions
Ratings
Unit
VCC_H
PIN 1, 2, 15, 68, 80
8.0
V
VCC_L
PIN 53, 74
5.0
V
VDD
PIN 35
5.0
V
Recommended supply voltage
VDDBUS
PIN 34
5.0
V
Recommended Operating Conditions at Ta = 25
°C, GND = 0V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
VDD
PIN 35
4.5
5.0
5.5
V
VDDBUS
PIN 34 (*1)
3.0
5.0
5.5
V
VCOP_H
PIN 1, 2, 15, 68, 80
7.5
8.0
8.5
V
Operating supply voltage range
VCOP_L
PIN 53, 74
4.5
5.0
5.5
V
Logic operation, memory hold
voltage range
VDDLOGIC
PIN 35
3.5
5.5
V
Internal supply
VREG
PIN 36 VDDLOGIC > 3.5V (*2)
3.0
V
Input High level voltage
VIH
PIN 31, 32, 33
0.8VDDBUS
VDDBUS
V
Input Low level voltage
VIL
PIN 31, 32, 33
0
0.2VDDBUS
V
Input amplitude voltage
VIN
PIN 39
0.5
1.5
Vrms
Input frequencies
FIN
PIN 39
20.5
MHz
IIH (1)
PIN 39, VI = VDD = 5.0V
2.0
5.0
15.0
μA
Input High level current
IIH (2)
PIN 31, 32, 33
VI = VDD = VDDBUS = 5.0V
3.0
μA
IIL (1)
PIN 39, VI = VDD = VSS
2.0
5.0
15.0
μA
Input Low level voltage
IIL (2)
VI = VSS
3.0
μA
Hysteresis width
VH
PIN 31, 32, 33
0.1VDDBUS
0.2VDDBUS
V
VOH (1)
PIN 26, 27, 28, 29, 30
IO = -1mA, VDD = VDDBUS
VDD-1.0
V
VOH (2)
PIN 38
IO = -200μA, VDD = VDDBUS
VREG-1.0
V
Output High level voltage
VOH (3)
PIN 21, 22
IO = -500μA, VDD = VDDBUS
VDD-1.0
V
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com