Electronic Components Datasheet Search
  English  ▼

X  

ESH1PB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ESH1PB
Description  High Current Density Surface Mount Ultrafast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ESH1PB Datasheet(HTML) 1 Page - Vishay Siliconix

  ESH1PB Datasheet HTML 1Page - Vishay Siliconix ESH1PB Datasheet HTML 2Page - Vishay Siliconix ESH1PB Datasheet HTML 3Page - Vishay Siliconix ESH1PB Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 88895
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 19-Apr-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Current Density Surface Mount Ultrafast Rectifiers
ESH1PB, ESH1PC, ESH1PD
Vishay General Semiconductor
New Product
TYPICAL APPLICATIONS
For use in secondary rectification and freewheeling for
ultrafast switching speeds of AC/AC and DC/DC converters
in high temperature conditions for both consumer and
automotive applications.
FEATURES
• Very low profile - typical height of 1.0 mm
• Ideal for automated placement
• Glass passivated chip junction
• Ultrafast recovery times for high frequency
• Low forward voltage drop, low power loss
• Low thermal resistance
• Meets MSL level 1 per J-STD-020, LF maximum peak of
260 °C
• AEC-Q101 qualified
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21 definition
MECHANICAL DATA
Case: DO-220AA (SMP)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS compliant, and
commercial grade
Base P/NHM3 - halogen-free, RoHS compliant, and
automotive grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test, HM3 suffix
meets JESD 201 class 2 whisker test
Polarity: Color band denotes cathode end
PRIMARY CHARACTERISTICS
IF(AV)
1.0 A
VRRM
100 V, 150 V, 200 V
trr
25 ns
VF
0.90 V
TJ max.
175 °C
DO-220AA (SMP)
eSMP
® Series
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
ESH1PB
ESH1PC
ESH1PD
UNIT
Device marking code
PB
PC
PD
Maximum repetitive peak reverse voltage
VRRM
100
150
200
V
Maximum average forward rectified current (fig. 1)
IF(AV)
1.0
A
Peak forward surge current 10 ms single
half sine-wave superimposed on rated load
IFSM
50
A
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 175
°C


Similar Part No. - ESH1PB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ESH1PB VISHAY-ESH1PB Datasheet
96Kb / 4P
Vishay General Semiconductor
25-Jun-07
ESH1PB VISHAY-ESH1PB Datasheet
105Kb / 5P
High Current Density Surface-Mount Ultrafast Rectifiers
08-Mar-2022
ESH1PB-E384A VISHAY-ESH1PB-E384A Datasheet
96Kb / 4P
Vishay General Semiconductor
25-Jun-07
ESH1PB-E385A VISHAY-ESH1PB-E385A Datasheet
96Kb / 4P
Vishay General Semiconductor
25-Jun-07
ESH1PBHE384A VISHAY-ESH1PBHE384A Datasheet
96Kb / 4P
Vishay General Semiconductor
25-Jun-07
More results

Similar Description - ESH1PB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ES1PA VISHAY-ES1PA Datasheet
153Kb / 2P
High Current Density Surface Mount Ultrafast Rectifiers
23-Sep-04
ESH1PA VISHAY-ESH1PA Datasheet
161Kb / 2P
High Current Density Surface Mount Ultrafast Rectifiers
23-Sep-04
ESH2PB VISHAY-ESH2PB Datasheet
103Kb / 4P
High Current Density Surface Mount Ultrafast Rectifiers
13-May-08
UH4PBC VISHAY-UH4PBC_11 Datasheet
100Kb / 5P
High Current Density Surface Mount Ultrafast Rectifiers
10-May-11
ESH2PD-E3-84A VISHAY-ESH2PD-E3-84A Datasheet
92Kb / 5P
High Current Density Surface Mount Ultrafast Rectifiers
24-Aug-11
ES1PD-M3 VISHAY-ES1PD-M3 Datasheet
84Kb / 4P
High Current Density Surface Mount Ultrafast Rectifiers
30-Oct-13
ES1PB VISHAY-ES1PB_15 Datasheet
93Kb / 6P
High Current Density Surface Mount Ultrafast Rectifiers
19-Feb-15
ES1PB VISHAY-ES1PB_V01 Datasheet
103Kb / 5P
High Current Density Surface Mount Ultrafast Rectifiers
08-Mar-2022
ESH1PB VISHAY-ESH1PB_V01 Datasheet
105Kb / 5P
High Current Density Surface-Mount Ultrafast Rectifiers
08-Mar-2022
ESH2PB VISHAY-ESH2PB_V01 Datasheet
105Kb / 5P
High Current Density Surface-Mount Ultrafast Rectifiers
08-Mar-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com