Electronic Components Datasheet Search
  English  ▼

X  

ESH1PC Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ESH1PC
Description  High Current Density Surface Mount Ultrafast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ESH1PC Datasheet(HTML) 3 Page - Vishay Siliconix

  ESH1PC Datasheet HTML 1Page - Vishay Siliconix ESH1PC Datasheet HTML 2Page - Vishay Siliconix ESH1PC Datasheet HTML 3Page - Vishay Siliconix ESH1PC Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 88895
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 19-Apr-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ESH1PB, ESH1PC, ESH1PD
Vishay General Semiconductor
New Product
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Leakage Characteristics
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0.4
0.6
0.8
1.2
1.4
0.1
10
1
100
0.01
1.0
0.2
1.6
T
J = 150 °C
T
J = 125 °C
T
J = 175 °C
T
J = 25 °C
Instantaneous Forward Voltage (V)
20
40
60
80
100
0.1
1
10
100
10
30
50
70
90
0.01
1000
T
J = 150 °C
T
J = 125 °C
T
J = 175 °C
T
J = 25 °C
Percent of Rated Peak Reverse Voltage (%)
0.1
10
1
100
1
100
10
1000
Reverse Voltage (V)
0.01
10
1
100
1
10
100
0.1
1000
t - Pulse Duration (s)
DO-220AA (SMP)
Cathode Band
0.086 (2.18)
0.074 (1.88)
0.142 (3.61)
0.126 (3.19)
0.158 (4.00)
0.146 (3.70)
0.013 (0.35)
0.004 (0.10)
0.012 (0.30)
0.000 (0.00)
0.018 (0.45)
0.006 (0.15)
0.045 (1.15)
0.033 (0.85)
0.036 (0.91)
0.024 (0.61)
0.032 (0.80)
0.016 (0.40)
0.103 (2.60)
0.087 (2.20)
0.053 (1.35)
0.041 (1.05)
0.012 (0.30) REF.
0.100
(2.54)
0.105
(2.67)
0.025
(0.635)
0.030
(0.762)
0.050
(1.27)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com