Electronic Components Datasheet Search
  English  ▼

X  

ESH2PB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ESH2PB
Description  High Current Density Surface Mount Ultrafast Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ESH2PB Datasheet(HTML) 1 Page - Vishay Siliconix

  ESH2PB Datasheet HTML 1Page - Vishay Siliconix ESH2PB Datasheet HTML 2Page - Vishay Siliconix ESH2PB Datasheet HTML 3Page - Vishay Siliconix ESH2PB Datasheet HTML 4Page - Vishay Siliconix ESH2PB Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
New Product
ESH2PB, ESH2PC, ESH2PD
www.vishay.com
Vishay General Semiconductor
Revision: 24-Aug-11
1
Document Number: 89016
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Current Density Surface Mount Ultrafast Rectifiers
TYPICAL APPLICATIONS
For use in secondary rectification and freewheeling for
ultrafast switching speeds of AC/DC and DC/DC converters
in high temperature for both consumer and automotive
applications.
FEATURES
• Very low profile - typical height of 1.0 mm
• Ideal for automated placement
• Glass passivated chip junction
• Ultrafast recovery times for high frequency
• Low forward voltage drop, low power losses
• Low thermal resistance
• Meets
MSL
level
1
per
J-STD-020,
LF maximum peak of 260 °C
• AEC-Q101 qualified
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21 definition
MECHANICAL DATA
Case: DO-220AA (SMP)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS compliant, and
commercial grade
Base P/NHM3 - halogen-free, RoHS compliant, and
automotive grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test, HM3 suffix
meets JESD 201 class 2 whisker test
Polarity: Color band denotes the cathode end
PRIMARY CHARACTERISTICS
IF(AV)
2.0 A
VRRM
100 V, 150 V, 200 V
trr
25 ns
VF
0.75 V
TJ max.
175 °C
DO-220AA (SMP)
eSMP
® Series
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
ESH2PB
ESH2PC
ESH2PD
UNIT
Device marking code
P2B
P2C
P2D
Maximum repetitive peak reverse voltage
VRRM
100
150
200
V
Maximum average forward rectified current (fig. 1)
IF(AV)
2.0
A
Peak forward surge current 10 ms single half sine-wave
superimposed on rated load
IFSM
50
A
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 175
°C


Similar Part No. - ESH2PB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ESH2PB VISHAY-ESH2PB Datasheet
103Kb / 4P
High Current Density Surface Mount Ultrafast Rectifiers
13-May-08
ESH2PB VISHAY-ESH2PB Datasheet
105Kb / 5P
High Current Density Surface-Mount Ultrafast Rectifiers
08-Mar-2022
ESH2PB-E3/84A VISHAY-ESH2PB-E3/84A Datasheet
103Kb / 4P
High Current Density Surface Mount Ultrafast Rectifiers
13-May-08
ESH2PB-E3/85A VISHAY-ESH2PB-E3/85A Datasheet
103Kb / 4P
High Current Density Surface Mount Ultrafast Rectifiers
13-May-08
ESH2PB-M384A VISHAY-ESH2PB-M384A Datasheet
87Kb / 5P
High Current Density Surface Mount Ultrafast Rectifiers
30-Aug-13
More results

Similar Description - ESH2PB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ES1PA VISHAY-ES1PA Datasheet
153Kb / 2P
High Current Density Surface Mount Ultrafast Rectifiers
23-Sep-04
ESH1PA VISHAY-ESH1PA Datasheet
161Kb / 2P
High Current Density Surface Mount Ultrafast Rectifiers
23-Sep-04
ESH1PB VISHAY-ESH1PB_11 Datasheet
86Kb / 4P
High Current Density Surface Mount Ultrafast Rectifiers
19-Apr-11
UH4PBC VISHAY-UH4PBC_11 Datasheet
100Kb / 5P
High Current Density Surface Mount Ultrafast Rectifiers
10-May-11
ESH2PD-E3-84A VISHAY-ESH2PD-E3-84A Datasheet
92Kb / 5P
High Current Density Surface Mount Ultrafast Rectifiers
24-Aug-11
ES1PD-M3 VISHAY-ES1PD-M3 Datasheet
84Kb / 4P
High Current Density Surface Mount Ultrafast Rectifiers
30-Oct-13
ES1PB VISHAY-ES1PB_15 Datasheet
93Kb / 6P
High Current Density Surface Mount Ultrafast Rectifiers
19-Feb-15
ES1PB VISHAY-ES1PB_V01 Datasheet
103Kb / 5P
High Current Density Surface Mount Ultrafast Rectifiers
08-Mar-2022
ESH1PB VISHAY-ESH1PB_V01 Datasheet
105Kb / 5P
High Current Density Surface-Mount Ultrafast Rectifiers
08-Mar-2022
ESH2PB VISHAY-ESH2PB_V01 Datasheet
105Kb / 5P
High Current Density Surface-Mount Ultrafast Rectifiers
08-Mar-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com