Electronic Components Datasheet Search
  English  ▼

X  

EMIF06-MSD02N16 Datasheet(PDF) 2 Page - STMicroelectronics

Part # EMIF06-MSD02N16
Description  6-line IPAD?? EMI filter and ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-MSD02N16 Datasheet(HTML) 2 Page - STMicroelectronics

  EMIF06-MSD02N16 Datasheet HTML 1Page - STMicroelectronics EMIF06-MSD02N16 Datasheet HTML 2Page - STMicroelectronics EMIF06-MSD02N16 Datasheet HTML 3Page - STMicroelectronics EMIF06-MSD02N16 Datasheet HTML 4Page - STMicroelectronics EMIF06-MSD02N16 Datasheet HTML 5Page - STMicroelectronics EMIF06-MSD02N16 Datasheet HTML 6Page - STMicroelectronics EMIF06-MSD02N16 Datasheet HTML 7Page - STMicroelectronics EMIF06-MSD02N16 Datasheet HTML 8Page - STMicroelectronics EMIF06-MSD02N16 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Characteristics
EMIF06-MSD02N16
2/12
1
Characteristics
Table 1.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
VPP
ESD IEC 61000-4-2
Contact discharge on DATx_In, CMD_In and CLK_In pins
On all other pins
Contact discharge
Air discharge
2
8
12
kV
Tj
Maximum junction temperature
125
°C
Top
Operating temperature range
- 30 to + 85
°C
Tstg
Storage temperature range
- 55 to + 150
°C
Table 2.
Electrical characteristics (Tamb = 25 °C)
Symbol
Parameter
VBR
Breakdown voltage
IRM
Leakage current @ VRM
VRM
Stand-off voltage
VCL
Clamping voltage
Rd
Dynamic resistance
IPP
Peak pulse current
RI/O
Series resistance between Input & Output
CLINE
Input capacitance per line
Symbol
Test conditions
Min.
Typ.
Max.
Unit
VBR
IR = 1 mA
5
8
V
IRM
VRM = 3 V
200
nA
R1, R2, R3, R4, R5, R6
Series resistors - tolerance ±20%
36
45
54
Ω
R7, R8, R9, R10, R11, R12
Pull-up resistors
80
90
100
k
Ω
R13
Pull-down resistor - tolerance ±20%
375
470
565
k
Ω
Cline
VLINE = 0 V, VOSC = 30 mV, F = 1 MHz
(under zero light conditions)
20
pF
VBR
IPP
VRM
VF
IF
I
IRM
IR
V
VCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com