Electronic Components Datasheet Search
  English  ▼

X  

U6SBA20 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # U6SBA20
Description  General Purpose Rectifiers(200V 6A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

U6SBA20 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  U6SBA20 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd U6SBA20 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd U6SBA20 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd U6SBA20 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd U6SBA20 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd U6SBA20 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
U6SBA20
200V 6A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
Case : 3S
OUTLINE DIMENSIONS
(Unit : mm)
RATINGS
SHINDENGEN
Case : 5S
● Switching power supply
● Home Appliances, Office Equipment
● Telecommunication, Factory Automation
APPLICATION
● Thin Single In-Line Package
● UL Recognized
(UL File No.E142422)
● High IFSM
● Applicable to Automatic Insertion
FEATURES
General Purpose Rectifiers
UL Bridges
●Absolute Maximum Ratings (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-40∼150
℃
Operating Junction Temperature
Tj
150
℃
Maximum Reverse Voltage
V
RM
200
V
Average Rectified Forward Current
I
O
50Hz sine wave, R-load
With heatsink
Tc=111℃
6
A
50Hz sine wave, R-load
Without heatsink Ta=25℃
2.8
Peak Surge Forward Current
I
FSM
50Hz sine wave, Non-repetitive 1cycle peak value, Tj=25℃
120
A
Current Squared Time
I
2t
1ms≦t<10ms Tj=25℃
60
A2s
Dielectric Strength
Vdis
Terminals to case, AC 1 minute
2
kV
Mounting Torque
TOR
(
Recommended torque : 0.5N・m)
0.8
N・m
●Electrical Characteristics (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
V
F
IF=3.0A, Pulse measurement, Rating of per diode
Max.1.05
V
Reverse Current
I
R
VR=VRM,
Pulse measurement, Rating of per diode
Max.10
μA
θjc
junction to case   With heatsink
Max.3.4
Thermal Resistance
θjl
junction to lead    Without heatsink
Max.5
℃/W
θja
junction to ambient
Without heatsink
Max.26
θcf
Case to heat-sink TOR=0.49N・m
Max.2


Similar Part No. - U6SBA20

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
U6SBA60 SHINDENGEN-U6SBA60 Datasheet
315Kb / 6P
General Purpose Rectifiers(600V 6A)
More results

Similar Description - U6SBA20

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D1N20 SHINDENGEN-D1N20 Datasheet
300Kb / 5P
General Purpose Rectifiers(200V 1A)
D5SB20 SHINDENGEN-D5SB20 Datasheet
302Kb / 6P
General Purpose Rectifiers(200V 6A)
D5SB60 SHINDENGEN-D5SB60 Datasheet
325Kb / 6P
General Purpose Rectifiers(600V 6A)
D5SB80 SHINDENGEN-D5SB80 Datasheet
302Kb / 6P
General Purpose Rectifiers(800V 6A)
D5SBA20 SHINDENGEN-D5SBA20 Datasheet
275Kb / 5P
General Purpose Rectifiers(200V 6A)
D5SBA60 SHINDENGEN-D5SBA60 Datasheet
275Kb / 5P
General Purpose Rectifiers(600V 6A)
D6SB60L SHINDENGEN-D6SB60L Datasheet
324Kb / 6P
General Purpose Rectifiers(600V 6A)
U6SB20 SHINDENGEN-U6SB20 Datasheet
307Kb / 6P
General Purpose Rectifiers(200V 6A)
U6SB60 SHINDENGEN-U6SB60 Datasheet
307Kb / 6P
General Purpose Rectifiers(600V 6A)
U6SBA60 SHINDENGEN-U6SBA60 Datasheet
315Kb / 6P
General Purpose Rectifiers(600V 6A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com