Electronic Components Datasheet Search
  English  ▼

X  

BDX67B Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BDX67B
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDX67B Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BDX67B Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDX67B Datasheet HTML 2Page - Inchange Semiconductor Company Limited BDX67B Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BDX67B
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=0.1A ; IB=0;L=25mH
100
V
VCEsat
Collector-emitter saturation voltage
IC=10A ;IB=0.04A
2
V
ICBO
Collector cut-off current
VCB=60V; IE=0
TC=150℃
1
5
mA
ICEO
Collector cut-off current
VCE=50V; IB=0
3
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
3
mA
Switching times
ton
Turn-on time
1.0
μs
toff
Turn-off time
IC=-10A ;
IB1=-IB2=0.04A
VCC=12V ;
3.5
μs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com