Electronic Components Datasheet Search
  English  ▼

X  

SB007-03C Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SB007-03C
Description  30V, 70mA Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB007-03C Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SB007-03C Datasheet HTML 1Page - Sanyo Semicon Device SB007-03C Datasheet HTML 2Page - Sanyo Semicon Device SB007-03C Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SB007-03C
No. A0405-2/3
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Reverse Voltage
VR
IR=20µA, Tj=25°C30
V
Forward Voltage
VF
IF=70mA, Tj=25°C
0.55
V
Reverse Current
IR
VR=15V, Tj=25°C5
µA
Interterminal Capacitance
C
VR=10V, f=1MHz
3.0
pF
Reverse Recovery Time
trr
IF=IR=10mA, Tj=25°C, See specified Test Circuit.
10
ns
Rthj-a(1)
620
°C / W
Thermal Resistance
Rthj-a(2)
Mounted in Cu-foiled area of 16mm2
✕0.2mm
430
°C / W
on glass epoxy board
Package Dimensions
trr Test Circuit
unit : mm (typ)
7013A-004
1 : Anode
2 : No Contact
3 : Cathode
SANYO : CP
12
3
2.9
0.95
0.4
0.1
510
15
2025
30
35
2
5
2
5
2
5
2
5
1000
100
10
1.0
2
5
0.1
0.01
0
ID00241
0.4
0.6
0.8
1.2
1.0
0.2
0
ID00240
Ta=125°
C
100°C
25
°C
50
°C
75
°C
2
3
2
1.0
10
3
7
5
7
5
2
2
2
1.0
10
3
7
5
100
3
7
5
23
5
7
1.0
2
10
35
2
1.0
32
3
57
2
0.1
35
7
0.01
ID00242
0
0.4
0.8
2.0
2.4
1.2
1.6
2.8
ID00243
f=1MHz
IF -- VF
IR -- VR
Forward Voltage, VF -- V
Reverse Voltage, VR -- V
Reverse Voltage, VR -- V
C -- VR
IFSM -- t
IS
20ms
t
Time, t -- s
Current waveform 50Hz sine wave
Duty≤10%
50Ω
100Ω
10Ω
5V
trr
10µs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com