Electronic Components Datasheet Search
  English  ▼

X  

GF1A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # GF1A
Description  Surface Mount Glass Passivated Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GF1A Datasheet(HTML) 3 Page - Vishay Siliconix

  GF1A Datasheet HTML 1Page - Vishay Siliconix GF1A Datasheet HTML 2Page - Vishay Siliconix GF1A Datasheet HTML 3Page - Vishay Siliconix GF1A Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 88617
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 15-Mar-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
GF1A thru GF1M
Vishay General Semiconductor
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Characteristics
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
10
1
0.1
0.01
0.4
0.6
1.4
1.6
0.8
1.0
1.2
Pulse Width = 300 µs
1 % Duty Cycle
T
J = 25 °C
Instantaneous Forward Voltage (V)
0.1
1
10
0.01
20
0
100
40
60
80
T
J = 25 °C
T
J = 100 °C
Percent of Rated Peak Reverse Voltage (%)
1
100
10
30
1
10
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
0.01
100
10
100
0.1
0.1
1
10
1
Mounted on
0.2" x 0.27" (5.0 mm x 7.0 mm)
Copper Pad Areas
t - Pulse Duration (s)
0.167 (4.24)
0.187 (4.75)
0.0065 (0.17)
0.015 (0.38)
0.030 (0.76)
0.060 (1.52)
0.196 (4.98)
0.226 (5.74)
0.094 (2.39)
0.114 (2.90)
0.100 (2.54)
0.118 (3.00)
0.040 (1.02)
0.066 (1.68)
0.098 (2.49)
0.108 (2.74)
0.006 (0.152) TYP.
DO-214BA (GF1)
0.076 (1.93)
MAX.
0.220 (5.58)
REF.
0.060 (1.52)
MIN.
Mounting Pad Layout
Cathode Band
0.066 (1.68)
MIN.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com