Electronic Components Datasheet Search
  English  ▼

X  

SB2003M Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SB2003M
Description  30V, 2.0A Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB2003M Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SB2003M_10 Datasheet HTML 1Page - Sanyo Semicon Device SB2003M_10 Datasheet HTML 2Page - Sanyo Semicon Device SB2003M_10 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SB2003M
No.8371-1/3
Applications
•
High frequency rectification (switching regulators, converters, choppers).
Features
•
Low switching noise.
•
Low leakage current and high reliability due to highly reliable planar structure.
•
Ultrasmall package permitting applied sets to be small and slim (mounting height 0.85mm).
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
30
V
Nonrepetitive Peak Reverse Surge Voltage
VRSM
35
V
Average Output Current
IO
2.0
A
Surge Forward Current
IFSM
50Hz sine wave, 1 cycle
10
A
Junction Temperature
Tj
--55 to +125
°C
Storage Temperature
Tstg
--55 to +125
°C
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Reverse Voltage
VR
IR=0.2mA
30
V
Forward Voltage
VF
IF=1.0A
0.40
0.45
V
IF=2.0A
0.45
0.50
V
Reverse Current
IR
VR=15V
30
μA
Interterminal Capacitance
C
VR=10V, f=1MHz
75
pF
Reverse Recovery Time
trr
IF=IR=100mA, See specified Test Circuit.
20
ns
Rth(j-a)1
Mounted in Cu-foiled area of 1.44mm2
✕0.03mm
93.4
°C / W
Therrmal Resistance
on glass epoxy board
Rth(j-a)2
Mounted on a ceramic board (500mm2
✕0.8mm)
71.4
°C / W
Marking : SE
http://semicon.sanyo.com/en/network
Ordering number : EN8371A
62310 TK IM / 62405SB MS IM TB-00001375
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are
not guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an
independent device, the customer should always evaluate and test devices mounted in the customer
's
products or equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not
be intended for use for any "special application" (medical equipment whose purpose is to sustain life,
aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal
system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten
human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they
grant any guarantee thereof. If you should intend to use our products for applications outside the standard
applications of our customer who is considering such use and/or outside the scope of our intended standard
applications, please consult with us prior to the intended use. If there is no consultation or inquiry before the
intended use, our customer shall be solely responsible for the use.
SANYO Semiconductors
DATA SHEET
SB2003M
Schottky Barrier Diode
30V, 2.0A Rectifier


Similar Part No. - SB2003M_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SB2003M-TL-E ONSEMI-SB2003M-TL-E Datasheet
766Kb / 4P
Schottky Barrier Diode
June, 2014
SB2003M-TL-W ONSEMI-SB2003M-TL-W Datasheet
766Kb / 4P
Schottky Barrier Diode
June, 2014
More results

Similar Description - SB2003M_10

ManufacturerPart #DatasheetDescription
logo
Rohm
QS5U17 ROHM-QS5U17 Datasheet
91Kb / 5P
Small switching (30V, 2.0A)
QS5U12 ROHM-QS5U12 Datasheet
91Kb / 5P
Small switching (30V, 2.0A)
QS5U16 ROHM-QS5U16 Datasheet
91Kb / 5P
Small switching (30V, 2.0A)
QS5U13 ROHM-QS5U13 Datasheet
66Kb / 5P
Small switching (30V, 2.0A)
logo
Sanyo Semicon Device
SB2003M SANYO-SB2003M Datasheet
32Kb / 3P
Schottky Barrier Diode 30V, 2.0A Rectifier
SBE811 SANYO-SBE811 Datasheet
32Kb / 3P
Schottky Barrier Diode 30V, 2.0A Rectifier
SS2003M SANYO-SS2003M Datasheet
32Kb / 3P
Schottky Barrier Diode 30V, 2.0A Rectifier
SBS818 SANYO-SBS818 Datasheet
63Kb / 4P
Low VF Schottky Barrier Diode 30V, 2.0A Rectifier
SBE818 SANYO-SBE818 Datasheet
261Kb / 4P
30V, 2.0A Rectifi er
SBE818-TL-E SANYO-SBE818-TL-E Datasheet
489Kb / 6P
30V, 2.0A Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com