Electronic Components Datasheet Search
  English  ▼

X  

SB2003M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SB2003M
Description  30V, 2.0A Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB2003M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SB2003M Datasheet HTML 1Page - Sanyo Semicon Device SB2003M Datasheet HTML 2Page - Sanyo Semicon Device SB2003M Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SB2003M
No.8371-2/3
Package Dimensions
Electrical Connection
unit : mm (typ)
7022A-014
trr Test Circuit
1 : Cathode
2 : Cathode
3 : Anode
4 : No Contact
5 : Cathode
6 : Cathode
SANYO : MCPH6
2.0
0.3
0.65
0.15
0 to 0.02
65
4
12
3
65
4
12
3
65
4
13
2
1 : Cathode
2 : Cathode
3 : Anode
4 : No Contact
5 : Cathode
6 : Cathode
Top view
Duty≤10%
50Ω
100Ω
10Ω
--5V
trr
10μs
0
0.2
0.3
0.1
0.4
0.5
0.6
5
7
7
3
2
5
3
2
5
7
3
2
1.0
0.1
0.01
Forward Voltage, VF -- V
IF -- VF
IT08588
Reverse Voltage, VR -- V
IR -- VR
IT08589
0
2
3
5
7
0.000001
0.00001
2
3
5
7
0.0001
2
3
5
7
0.001
2
3
5
7
0.01
2
3
5
7
0.1
2
3
5
7
1.0
2
3
5
7
10
510
15
20
25
30
35
Ta=125°C
100°C
75
°C
50
°C
25
°C
0
°C
--25°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com