Electronic Components Datasheet Search
  English  ▼

X  

BTA04 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BTA04
Description  Triacs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BTA04 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BTA04 Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Triacs
INCHANGE
BTA04
Features
・With TO-220AB Insulated package
・Suitable for general purpose applications where
gate high sensitivity is required ,such as phase
control and static switching applications
QUICK REFERENCE DATA
SYMBOL
PARAMETER
VALUE
UNIT
VDRM
Repetitive peak off-state voltage
600
V
VRRM
Repetitive peak off-state voltage
600
V
IT(AV)
Average on-state current
4
A
ITSM
Non-repetitive peak on-state current
40
A
Tstg
Storage temperature
-45~150
℃
Tj
Operating junction temperature
110
℃
TO-220AB
ELECTRICAL CHARACTERISTICS (Tj = 25°C, unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VDRM
Repetitive peak off-state voltage
ID=0.1mA
600
V
VRRM
Repetitive peak reverse voltage
ID=0.5mA
600
V
VD =12V; RL = 100Ω
T2+ G+
6
T2+ G-
10
T2- G-
10
IGT
Gate trigger current
T2- G+
35
mA
VT
On-state voltage
IT=8A
1.7
V
IH
Holding current
IT=0.1A; IGT = 20m A
15
mA
VD =12V; RL = 100Ω
T2+ G+
1.5
T2+ G-
1.5
T2- G-
1.5
VGT
Gate trigger voltage
T2- G+
1.8
V


Similar Part No. - BTA04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA04 STMICROELECTRONICS-BTA04 Datasheet
69Kb / 5P
SENSITIVE GATE TRIACS
Mar-1995
BTA04 STMICROELECTRONICS-BTA04 Datasheet
438Kb / 6P
SENSITIVE GATE TRIACS
Sep-2001
logo
JIEJIE MICROELECTRONICS...
BTA04 JIEJIE-BTA04 Datasheet
662Kb / 6P
4A TRIACs
logo
Unisonic Technologies
BTA04 UTC-BTA04 Datasheet
150Kb / 4P
SENSITIVE GATE TRIACS
logo
Continental Device Indi...
BTA04 CDIL-BTA04 Datasheet
77Kb / 2P
Triac Series
More results

Similar Description - BTA04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
Triacs
August 1997 Rev 1.200
BT136F PHILIPS-BT136F Datasheet
42Kb / 7P
Triacs
February 1996 Rev 1.100
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
Triacs
October 1997 Rev 1.200
BT137B PHILIPS-BT137B Datasheet
51Kb / 6P
Triacs
October 1997 Rev 1.200
BT137X PHILIPS-BT137X Datasheet
53Kb / 7P
Triacs
September 1997 Rev 1.200
BT138B PHILIPS-BT138B Datasheet
52Kb / 6P
Triacs
October 1997 Rev 1.200
BTA140 PHILIPS-BTA140 Datasheet
47Kb / 6P
Triacs
September 1997 Rev 1.200
logo
STMicroelectronics
BTB15B STMICROELECTRONICS-BTB15B Datasheet
177Kb / 4P
TRIACS
Feb-1989
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
TRIACS
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
Triacs Triacs
October 1997 Rev 1.200
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com