Electronic Components Datasheet Search
  English  ▼

X  

BA489 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BA489
Description  Silicon PIN Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BA489 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BA489 Datasheet HTML 1Page - Siemens Semiconductor Group BA489 Datasheet HTML 2Page - Siemens Semiconductor Group BA489 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Semiconductor Group
2
BA 489
Electrical Characteristics
at
T
A = 25 °C, unless otherwise specified.
Package Outline
Parameter
Symbol
Value
Unit
min.
typ.
max.
DC Characteristics
Forward voltage
I
F =50mA
V
F
––1
V
Reverse current
V
R =30V
I
R
––50
nA
AC Characteristics
Diode capacitance
V
R =15V, f = 1 MHz
V
R =0V, f = 100 MHz
C
O
–
–
0.47
0.5
0.8
–
pF
Forward resistance
I
F =10mA, f = 100 MHz
r
f
6
7.5
11
Ω
Zero bias conductance
V
R =0V, f = 100 MHz
g
p
–60
–
µS
Series inductance
L
S
–6–
nH
TO-92



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com