Electronic Components Datasheet Search
  English  ▼

X  

GL05T Datasheet(PDF) 3 Page - Vishay Siliconix

Part # GL05T
Description  Low Capacitance ESD Protection Diodes for High-Speed Data Interfaces
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GL05T Datasheet(HTML) 3 Page - Vishay Siliconix

  GL05T Datasheet HTML 1Page - Vishay Siliconix GL05T Datasheet HTML 2Page - Vishay Siliconix GL05T Datasheet HTML 3Page - Vishay Siliconix GL05T Datasheet HTML 4Page - Vishay Siliconix GL05T Datasheet HTML 5Page - Vishay Siliconix GL05T Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
GL05T to GL24T
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 09-Jun-11
3
Document Number: 85809
For technical questions, contact: ESDprotection@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DIMENSIONS in millimeters (inches): SOT-23
ELECTRICAL CHARACTERISTICS GL12T
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
---
lines
Reverse stand-off voltage
at IR = 1 μA
VRWM
--
12
V
Reverse current
at VR = 5 V
IR
--
1
μA
Reverse breakdown voltage
at IR = 1 mA
VBR
13.3
-
-
V
Reverse clamping voltage
at IPP = 1 A
VC
--
19
V
at IPP = 5 A
-
-
24
V
Capacitance
at VR = 0 V; f = 1 MHz
CD
-5-
pF
ELECTRICAL CHARACTERISTICS GL15T
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
---
lines
Reverse stand-off voltage
at IR = 1 μA
VRWM
--
15
V
Reverse current
at VR = 5 V
IR
--
1
μA
Reverse breakdown voltage
at IR = 1 mA
VBR
16.7
-
-
V
Reverse clamping voltage
at IPP = 1 A
VC
--
24
V
at IPP = 5 A
-
-
33
V
Capacitance
at VR = 0 V; f = 1 MHz
CD
-5-
pF
ELECTRICAL CHARACTERISTICS GL24T
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
---
lines
Reverse stand-off voltage
at IR = 1 μA
VRWM
--
24
V
Reverse current
at VR = 5 V
IR
--
1
μA
Reverse breakdown voltage
at IR = 1 mA
VBR
26.7
-
-
V
Reverse clamping voltage
at IPP = 1 A
VC
--
43
V
at IPP = 5 A
-
-
55
V
Capacitance
at VR = 0 V; f = 1 MHz
CD
-5-
pF
Foot print recommendation:
Rev. 8 - Date: 23.Sept.2009
17418
Document no.: 6.541-5014.01-4
0.9 (0.035)
1 (0.039)
0.9 (0.035)
1 (0.039)
0.45 (0.018)
0.35 (0.014)
2.8 (0.110)
3.1 (0.122)
0.45 (0.018)
0.35 (0.014)
0.45 (0.018)
0.35 (0.014)
2.35 (0.093)
2.6 (0.102)
0.95 (0.037)
0.95 (0.037)
0.7 (0.028)
0.3 (0.012)
0.5 (0.020)
0.550 ref. (0.022 ref.)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com