Electronic Components Datasheet Search
  English  ▼

X  

GLI Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GLI
Description  Capacitors for Power Electronics (PEC) - Cylindrical
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GLI Datasheet(HTML) 1 Page - Vishay Siliconix

  GLI Datasheet HTML 1Page - Vishay Siliconix GLI Datasheet HTML 2Page - Vishay Siliconix GLI Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Capacitors for Power Electronics (PEC) - Cylindrical
www.vishay.com
For technical questions, contact: esta@vishay.com
Document Number: 13021
10
Revision: 15-Feb-11
GLI
Vishay ESTA
FEATURES
• Very low stray inductance < 40 nH
• Extremely low losses also at high frequencies
• Low ESR: < 4 m
• Highest RMS current rating: up to 80 A
• High impulse discharge current capability
• Resistance to heavy duty shock vibration
• High reliability and life expectancy
• Integrated flanges enable easy mounting
• Casing material: UL 94 V-0
APPLICATION
• Damping GTO thyristors
• Protection of GTO capacitors
• Low inductance buffer circuits
• High current DC filtering
• Medium frequency tuning
• Pulsed laser
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Rated DC voltage min.
700 V
Rated DC voltage max.
2150 V
Capacitance min.
15 μF
Capacitance max.
230 μF
Technology
Metalized polypropylene
Dissipation factor (tan
0)< 2 x 10
-4/2 kHz
Capacitance tolerance
± 5 %
Operating temperature (hotspot)
min. - 40 °C
max. - 80 °C
Inductance
< 30 nH
Lifetime expectancy
100 000 h at UNDC and < 60 °C hotspot
Reliability
300 FIT
Test voltage
Terminal/terminal = 1.5 x UNDC, 10 s; Terminal/case = 2 x UNDC + 1000 VAC, 60 s
Casing material
Polyester, UL 94 V-0
Filling
Resin polyurethane, UL 94 V-0
Standards
IEC 61071-1, IEC 61881, and EN 61071-1


Similar Part No. - GLI

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GLI VISHAY-GLI Datasheet
404Kb / 3P
Metallized Film Power Capacitor
04-Aug-04
GLI1100-100A VISHAY-GLI1100-100A Datasheet
198Kb / 3P
Capacitors for Power Electronics (PEC) - Cylindrical
15-Feb-11
GLI1100-15A VISHAY-GLI1100-15A Datasheet
198Kb / 3P
Capacitors for Power Electronics (PEC) - Cylindrical
15-Feb-11
GLI1100-75A VISHAY-GLI1100-75A Datasheet
198Kb / 3P
Capacitors for Power Electronics (PEC) - Cylindrical
15-Feb-11
GLI1250-50A VISHAY-GLI1250-50A Datasheet
198Kb / 3P
Capacitors for Power Electronics (PEC) - Cylindrical
15-Feb-11
More results

Similar Description - GLI

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25667-A2507-A175 EPCOS-B25667-A2507-A175 Datasheet
35Kb / 2P
Capacitors for Power Electronics
B25667-A4177-A375 EPCOS-B25667-A4177-A375 Datasheet
35Kb / 2P
Capacitors for Power Electronics
B25667-A4207-A365 EPCOS-B25667-A4207-A365 Datasheet
35Kb / 2P
Capacitors for Power Electronics
B25667-A4237-A365 EPCOS-B25667-A4237-A365 Datasheet
35Kb / 2P
Capacitors for Power Electronics
B25667-A4237-A375 EPCOS-B25667-A4237-A375 Datasheet
35Kb / 2P
Capacitors for Power Electronics
B25667-A4277-A375 EPCOS-B25667-A4277-A375 Datasheet
35Kb / 2P
Capacitors for Power Electronics
logo
Vishay Siliconix
DCMKP0.9-625UF VISHAY-DCMKP0.9-625UF Datasheet
102Kb / 3P
Capacitors for Power Electronics (PEC) - Rectangular
26-Aug-11
DCMKP880-200 VISHAY-DCMKP880-200 Datasheet
218Kb / 3P
Capacitors for Power Electronics (PEC) - Cylindrical
15-Feb-11
GLIA VISHAY-GLIA_11 Datasheet
198Kb / 3P
Capacitors for Power Electronics (PEC) - Cylindrical
15-Feb-11
DCMKP VISHAY-DCMKP Datasheet
98Kb / 4P
Power Electronic Capacitors (PEC)
22-Nov-2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com