Electronic Components Datasheet Search
  English  ▼

X  

SMP3003 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SMP3003
Description  General-Purpose Switching Device Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SMP3003 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SMP3003_11 Datasheet HTML 1Page - Sanyo Semicon Device SMP3003_11 Datasheet HTML 2Page - Sanyo Semicon Device SMP3003_11 Datasheet HTML 3Page - Sanyo Semicon Device SMP3003_11 Datasheet HTML 4Page - Sanyo Semicon Device SMP3003_11 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMP3003
No. A1655-1/5
Features
•
ON-resistance RDS(on)1=6.2mΩ (typ.)
•
Input capacitance Ciss=13400pF
•
4V drive
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
--75
V
Gate-to-Source Voltage
VGSS
±20
V
Drain Current (DC)
ID
--100
A
Drain Current (Pulse)
IDP
PW≤10μs, duty cycle≤1%
--400
A
Allowable Power Dissipation
PD
Tc=25°C
90
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Avalanche Energy (Single Pulse) *1
EAS
468
mJ
Avalanche Current *2
IAV
--60
A
Note :
*1 VDD=--48V, L=100μH, IAV=--60A (Fig.1)
*2 L≤100μH, Single pulse
Package Dimensions
unit : mm (typ)
7001-003
O1211 TKIM TC-00002654/21710QA TKIM TC-00002253
SANYO Semiconductors
DATA SHEET
SMP3003
P-Channel Silicon MOSFET
General-Purpose Switching Device
Applications
http://semicon.sanyo.com/en/network
Ordering number : ENA1655A
Product & Package Information
• Package
: SMP-FD
• JEITA, JEDEC
: SC-83, TO-220SMD
SOT-404, D2PAK
• Minimum Packing Quantity : 1000 pcs./reel
Packing Type: DL
Marking
Electrical Connection
10.2
1.3
4.5
0.8
0.4
1.2
2.55
2.55
0 t o 0.3
12
3
2.55
2.55
1 : Gate
2 : Drain
3 : Source
SANYO : SMP-FD
DL
MP3003
LOT No.
1
3
2


Similar Part No. - SMP3003_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMP3003-DL-1E ONSEMI-SMP3003-DL-1E Datasheet
104Kb / 6P
P-Channel Power MOSFET 75V, 100A, 8.0m, TO-263-2L/TO-263
September, 2013
SMP3003-TL-1E ONSEMI-SMP3003-TL-1E Datasheet
104Kb / 6P
P-Channel Power MOSFET 75V, 100A, 8.0m, TO-263-2L/TO-263
September, 2013
More results

Similar Description - SMP3003_11

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
General-Purpose Switching Device Applications
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
General-Purpose Switching Device Applications
VEC2822 SANYO-VEC2822 Datasheet
78Kb / 6P
General-Purpose Switching Device Applications
2SK4198FS SANYO-2SK4198FS Datasheet
273Kb / 5P
General-Purpose Switching Device Applications
2SK4227JS SANYO-2SK4227JS Datasheet
275Kb / 5P
General-Purpose Switching Device Applications
ATP213 SANYO-ATP213 Datasheet
262Kb / 4P
General-Purpose Switching Device Applications
BXL4001 SANYO-BXL4001 Datasheet
281Kb / 5P
General-Purpose Switching Device Applications
ECH8320 SANYO-ECH8320 Datasheet
280Kb / 4P
General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com