Electronic Components Datasheet Search
  English  ▼

X  

SS30 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SS30
Description  For Notebook PC Fan Motor Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SS30 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SS30 Datasheet HTML 1Page - Sanyo Semicon Device SS30 Datasheet HTML 2Page - Sanyo Semicon Device SS30 Datasheet HTML 3Page - Sanyo Semicon Device SS30 Datasheet HTML 4Page - Sanyo Semicon Device SS30 Datasheet HTML 5Page - Sanyo Semicon Device SS30 Datasheet HTML 6Page - Sanyo Semicon Device SS30 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
D0110 SY 20080710-S00004 No.A1878-1/7
SS30
Overview
The SS30 is a 3 phase all wave sensor-less motor driver for notebook PC fans.
Feature
• Direct PWM 3 phase all wave sensor-less motor driver
Specifications
Absolute Maximum Ratings
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Power supply voltage
VCC max
6.5
V
Pre-drive voltage (gate voltage)
VG max
10
V
Output pin current
IOUT max
0.7
A
PWM input pin withstand voltage
VPWM max
VCC
V
FG output pin withstand voltage
VFG max
6.0
V
FG output current
IFG max
5.0
mA
1/2FG output pin withstand voltage
V1/2FG max
6.0
V
1/2FG output current
I1/2FG max
5.0
mA
RD output pin withstand voltage
VRD max
6.0
V
RD output current
IRD max
5.0
mA
Power dissipation 1
Pd max1
Independent IC
0.2
W
Power dissipation 2
Pd max2
Mounted on specified board *1
1.05
W
Operating temperature
Topr
*2
-30 to +95
°C
Storage temperature
Tstg
-55 to +150
°C
*1 : When mounted on 40.0mm
×50.0mm×0.8mm glass epoxy 4 Layer 2S2P board
*2 : Tj max = 150
°C. Use the IC in the range where the temperature of the chip does not exceed Tj = 150°C during operation.
Recommended Operating Conditions
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Power supply voltage
VCC
2.2 to 6.0
V
Bi-CMOS IC
For Notebook PC
Fan Motor Driver
Ordering number : ENA1878


Similar Part No. - SS30

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SS30 RECTRON-SS30 Datasheet
282Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
logo
SHENZHEN YONGERJIA INDU...
SS30 WINNERJOIN-SS30 Datasheet
87Kb / 2P
Chip Schottky Barrier Diodes
logo
ON Semiconductor
SS30 ONSEMI-SS30 Datasheet
159Kb / 7P
Fan Motor Driver
May, 2013
logo
TOKYO SEIMITSU CO., LTD
SS30 ACCRETECH-SS30 Datasheet
581Kb / 2P
New standard for semi-automatic dicers with enhanced operability
logo
Sanyo Semicon Device
SS3003CH SANYO-SS3003CH Datasheet
43Kb / 3P
Low VF Schottky Barrier Diode 30V, 3.0A Rectifier
More results

Similar Description - SS30

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8800V SANYO-LV8800V Datasheet
102Kb / 8P
Bi-CMOS IC For Notebook PC Fan Motor Driver
LV8804FV SANYO-LV8804FV Datasheet
116Kb / 9P
PC and Server Fan Motor Driver
LV8804V SANYO-LV8804V Datasheet
117Kb / 10P
PC and Server Fan Motor Driver
LV8804V SANYO-LV8804V_11 Datasheet
229Kb / 10P
PC and Server Fan Motor Driver
LV8805V SANYO-LV8805V Datasheet
211Kb / 9P
PC and Server Fan Motor Driver
LV8800V SANYO-LV8800V_12 Datasheet
107Kb / 8P
For Notebook PC Fan Motor Driver
LV8804FV SANYO-LV8804FV_12 Datasheet
188Kb / 10P
PC and Server Fan Motor Driver
logo
ON Semiconductor
LV8804FV-D ONSEMI-LV8804FV-D Datasheet
239Kb / 10P
PC and Server Fan Motor Driver
May, 2013
LV8805V-TLM-H ONSEMI-LV8805V-TLM-H Datasheet
170Kb / 9P
PC and Server Fan Motor Driver
May, 2013
LV8805SV-MPB-H ONSEMI-LV8805SV-MPB-H Datasheet
272Kb / 9P
PC and Server Fan Motor Driver
May, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com