Electronic Components Datasheet Search
  English  ▼

X  

BA886 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BA886
Description  Silicon PIN Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BA886 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BA886 Datasheet HTML 1Page - Siemens Semiconductor Group BA886 Datasheet HTML 2Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BA 886
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
Parameter
Symbol
min.
typ.
Unit
Values
max.
Forward voltage
IF = 50 mA
VF
V
–
–
1.15
Reverse current
VR = 50 V
IR
nA
––50
Diode capacitance
f = 1 MHz, VR = 50 V
f= 100 MHz, VR = 0 V
CT
pF
–
–
0.23
0.2
0.35
–
Forward resistance
f = 100 MHz
IF = 10
µA
IF = 1 mA
IF = 10 mA
rf
Ω
–
–
6.5
2400
58
7.8
–
–
10
Zero bias conductance
f = 100 MHz, VR = 0 V
gp
µS
–40
–
Series inductance
LS
nH
–2–
Diode capacitance CT = f (VR)
f = 1 MHz / f = 100 MHz
Forward resistance rf = f (IF)
f = 100 MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com